Electronic Components Datasheet Search
  English  ▼

X  

AD9945KCP Datasheet(PDF) 4 Page - Analog Devices

Part # AD9945KCP
Description  Complete 12-Bit 40 MHz CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9945KCP Datasheet(HTML) 4 Page - Analog Devices

  AD9945KCP Datasheet HTML 1Page - Analog Devices AD9945KCP Datasheet HTML 2Page - Analog Devices AD9945KCP Datasheet HTML 3Page - Analog Devices AD9945KCP Datasheet HTML 4Page - Analog Devices AD9945KCP Datasheet HTML 5Page - Analog Devices AD9945KCP Datasheet HTML 6Page - Analog Devices AD9945KCP Datasheet HTML 7Page - Analog Devices AD9945KCP Datasheet HTML 8Page - Analog Devices AD9945KCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
–4–
AD9945
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
SAMPLE CLOCKS
DATACLK, SHP, SHD Clock Period
tCONV
25
ns
DATACLK High/Low Pulse Width
tADC
10
12.5
ns
SHP Pulse Width
tSHP
6.25
ns
SHD Pulse Width
tSHD
6.25
ns
CLPOB Pulse Width
*
tCOB
220
Pixels
SHP Rising Edge to SHD Falling Edge
tS1
6.25
ns
SHP Rising Edge to SHD Rising Edge
tS2
11.25
12.5
ns
Internal Clock Delay
tID
3ns
DATA OUTPUTS
Output Delay
tOD
9.5
ns
Pipeline Delay
10
Cycles
SERIAL INTERFACE
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
*Minimum CLPOB pulse width is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp performance.
Specifications subject to change without notice.
(CL = 20 pF, fSAMP = 40 MHz, CCD Mode Timing in Figures 8 and 9, Serial Timing in Figures 4 and 5.)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD9945 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
With
Respect
Parameter
To
Min
Max
Unit
AVDD
AVSS
–0.3
+3.9
V
DVDD
DVSS
–0.3
+3.9
V
DRVDD
DRVSS
–0.3
+3.9
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3
V
SHP, SHD, DATACLK
DVSS
–0.3
DVDD + 0.3
V
CLPOB, PBLK
DVSS
–0.3
DVDD + 0.3
V
SCK, SL, SDATA
DVSS
–0.3
DVDD + 0.3
V
REFT, REFB, CCDIN
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Lead Temperature
300
°C
(10 sec)
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions outside of those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
1 Option
AD9945KCP
–20
°C to +85°C LFCSP
CP-32
AD9945KCPRL
–20
°C to +85°C LFCSP
CP-32
AD9945KCPRL7
–20
°C to +85°C LFCSP
CP-32
AD9945KCPZ
2
–20
°C to +85°C LFCSP
CP-32
AD9945KCPZRL7
2
–20
°C to +85°C LFCSP
CP-32
1LFCSP = Lead Frame Chip Scale Package
2Z = Pb-free part.
THERMAL CHARACTERISTICS
Thermal Resistance
32-Lead LFCSP Package
θJA = 27.7 °C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com