Electronic Components Datasheet Search
  English  ▼

X  

AD9945KCP Datasheet(PDF) 10 Page - Analog Devices

Part # AD9945KCP
Description  Complete 12-Bit 40 MHz CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9945KCP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9945KCP Datasheet HTML 6Page - Analog Devices AD9945KCP Datasheet HTML 7Page - Analog Devices AD9945KCP Datasheet HTML 8Page - Analog Devices AD9945KCP Datasheet HTML 9Page - Analog Devices AD9945KCP Datasheet HTML 10Page - Analog Devices AD9945KCP Datasheet HTML 11Page - Analog Devices AD9945KCP Datasheet HTML 12Page - Analog Devices AD9945KCP Datasheet HTML 13Page - Analog Devices AD9945KCP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
–10–
AD9945
CIRCUIT DESCRIPTION AND OPERATION
The AD9945 signal processing chain is shown in Figure 6. Each
processing step is essential in achieving a high quality image from
the raw CCD pixel data.
DC Restore
To reduce the large dc offset of the CCD output signal, a dc
restore circuit is used with an external 0.1
µF series coupling
capacitor. This restores the dc level of the CCD signal to
approximately 1.5 V to be compatible with the 3 V single supply
of the AD9945.
Correlated Double Sampler
The CDS circuit samples each CCD pixel twice to extract the
video information and reject low frequency noise. The timing
shown in Figure 8 illustrates how the two CDS clocks, SHP and
SHD, are used to sample the reference level and data level of
the CCD signal, respectively. The CCD signal is sampled on the
rising edges of SHP and SHD. Placement of these two clock
signals is critical in achieving the best performance from the CCD.
An internal SHP/SHD delay (tID) of 3 ns is caused by internal
propagation delays.
Optical Black Clamp
The optical black clamp loop is used to remove residual offsets
in the signal chain and to track low frequency variations in the
CCD’s black level. During the optical black (shielded) pixel
interval on each line, the ADC output is compared with the
fixed black level reference, selected by the user in the clamp
level register. The resulting error signal is filtered to reduce
noise, and the correction value is applied to the ADC input
through a D/A converter. Normally, the optical black clamp
loop is turned on once per horizontal line, but this loop can be
updated more slowly to suit a particular application. If external
digital clamping is used during the postprocessing, the AD9945
optical black clamping may be disabled using Bit D3 in the
operation register (see the Serial Interface Timing and Internal
Register Description sections).
When the loop is disabled, the clamp level register may still be
used to provide programmable offset adjustment.
Horizontal timing is shown in Figure 9. The CLPOB pulse should
be placed during the CCD’s optical black pixels. It is recom-
mended that the CLPOB pulse be used during valid CCD dark
pixels. The CLPOB pulse should be a minimum of 20 pixels wide
to minimize clamp noise. Shorter pulse widths may be used, but
clamp noise may increase and the loop’s ability to track low fre-
quency variations in the black level will be reduced.
A/D Converter
The ADC uses a 2 V input range. Better noise performance results
from using a larger ADC full-scale range. The ADC uses a
pipelined architecture with a 2 V full-scale input for low noise
performance.
Variable Gain Amplifier
The VGA stage provides a gain range of 6 dB to 40 dB, program-
mable with 10-bit resolution through the serial digital interface.
The minimum gain of 6 dB is needed to match a 1 V input signal
with the ADC full-scale range of 2 V. A plot of the VGA gain curve
is shown in Figure 7.
VGA Gain dB
VGA Code
dB
dB
() =×
()+
0 035
5 3
..
VGA GAIN REGISTER CODE
42
0
127
255
383
511
639
767
895
1023
36
30
24
18
12
6
Figure 7. VGA Gain Curve
6dB TO 40dB
CCDIN
DIGITAL
FILTERING
CLPOB
DC RESTORE
OPTICAL BLACK
CLAMP
DOUT
12-BIT
ADC
VGA
8-BIT
DAC
CLAMP LEVEL
REGISTER
8
VGA GAIN
REGISTER
10
CDS
INTERNAL
VREF
2V FULL SCALE
12
0.1 F
Figure 6. CCD Mode Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com