Electronic Components Datasheet Search
  English  ▼

X  

AD9945KCP Datasheet(PDF) 14 Page - Analog Devices

Part # AD9945KCP
Description  Complete 12-Bit 40 MHz CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9945KCP Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9945KCP Datasheet HTML 8Page - Analog Devices AD9945KCP Datasheet HTML 9Page - Analog Devices AD9945KCP Datasheet HTML 10Page - Analog Devices AD9945KCP Datasheet HTML 11Page - Analog Devices AD9945KCP Datasheet HTML 12Page - Analog Devices AD9945KCP Datasheet HTML 13Page - Analog Devices AD9945KCP Datasheet HTML 14Page - Analog Devices AD9945KCP Datasheet HTML 15Page - Analog Devices AD9945KCP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
–14–
AD9945
OUTLINE DIMENSIONS
32-Lead Lead Frame Chip Scale Package (LFCSP)
5 mm
5 mm Body
(CP-32)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 NOM
0.05 MAX
0.02 NOM
12 MAX
1.00
0.90
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
BOTTOM
VIEW
0.50
0.40
0.30
3.50
REF
0.50
BSC
PIN 1
INDICATOR
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
SQ
3.25
3.10
2.95
PIN 1
INDICATOR
0.60 MAX
0.60 MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com