Electronic Components Datasheet Search
  English  ▼

X  

YDA137 Datasheet(PDF) 13 Page - YAMAHA CORPORATION

Part # YDA137
Description  D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA137 Datasheet(HTML) 13 Page - YAMAHA CORPORATION

Back Button YDA137 Datasheet HTML 9Page - YAMAHA CORPORATION YDA137 Datasheet HTML 10Page - YAMAHA CORPORATION YDA137 Datasheet HTML 11Page - YAMAHA CORPORATION YDA137 Datasheet HTML 12Page - YAMAHA CORPORATION YDA137 Datasheet HTML 13Page - YAMAHA CORPORATION YDA137 Datasheet HTML 14Page - YAMAHA CORPORATION YDA137 Datasheet HTML 15Page - YAMAHA CORPORATION YDA137 Datasheet HTML 16Page - YAMAHA CORPORATION YDA137 Datasheet HTML 17Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
YDA137
13
■
Precaution for mounting
Thermal Pad for heat radiation is carried in the package backside of YDA137.
Sufficient heat radiation effect is acquired by creating a land pattern like following "Land pattern example of Thermal Pad
connection" and soldering "Thermal Pad" of YDA137 on the printed circuit board which mounts YDA137.
In addition, heat radiation to backside of the printed circuit board can be effectively performed by preparing a through hole
on a printed circuit board.
■
Application notes
Warning for the device which makes sound using speaker
A speaker radiates heat in a voice-coil by air flow accompanying vibration of an oscillating board. When DC signal (several
Hz or less) is inputted, heat radiation characteristics falls rapidly.
In addition, even if it is used lower than rated input, it may lead to disconnection of a voice-coil, emitting smoke or ignition
of a speaker.
In order to avoid such situations, be sure to implement one or more preventive measures from the following.
1. Do not select a setup (sound production) which may generate DC signal.
(Since thoroughness of this preventive measure is generally difficult, we recommends the combined use with the
following 2, 3, and 4)
2. Add a DC cut digital filter for cutting DC signal into a digital section.
(As long as "Built-in" is not mentioned in the manual, there is no such built-in circuit inside of a device).
3. Add a DC cut capacitor for cutting DC signal into an analog section.
(When addition is specified in the example of a recommended circuit diagram, be sure to add)
4. When a latter stage device exists in the signal path from this device to speaker, DC cut is realized in a latter stage
device.
In addition, the above-mentioned measures are made that the device it-self, DC cut condenser, and a latter stage device will
be in a normal operation. Therefore, it is also necessary to implement the safety measures supposing failure of these parts
separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com