Electronic Components Datasheet Search
  English  ▼

X  

YDA137 Datasheet(PDF) 16 Page - YAMAHA CORPORATION

Part # YDA137
Description  D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA137 Datasheet(HTML) 16 Page - YAMAHA CORPORATION

Back Button YDA137 Datasheet HTML 12Page - YAMAHA CORPORATION YDA137 Datasheet HTML 13Page - YAMAHA CORPORATION YDA137 Datasheet HTML 14Page - YAMAHA CORPORATION YDA137 Datasheet HTML 15Page - YAMAHA CORPORATION YDA137 Datasheet HTML 16Page - YAMAHA CORPORATION YDA137 Datasheet HTML 17Page - YAMAHA CORPORATION YDA137 Datasheet HTML 18Page - YAMAHA CORPORATION YDA137 Datasheet HTML 19Page - YAMAHA CORPORATION YDA137 Datasheet HTML 20Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
YDA137
16
■
Typical characteristics examples
Power vs THD+N (VDD=5.0V)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Output power(W)
2Ω, Lch
3Ω, Lch
4Ω、Lch
Power vs THD+N (VDD=3.0V)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Output power(W)
2Ω, Lch
3Ω, Rch
4Ω, Lch
Frequency vs THD+N (VDD=5.0V)
0.001
0.01
0.1
1
10
100
1000
10000
100000
Frequency(Hz)
2Ω, Lch
2Ω, Rch
Frequency vs THD+N (VDD=3.0V)
0.001
0.01
0.1
1
10
100
1000
10000
100000
Frequency(Hz)
2Ω, Lch
2Ω, Rch
Efficiency vs. Power (VDD=5V)
50
55
60
65
70
75
80
85
90
0.0
1.0
2.0
3.0
4.0
5.0
Output power(W)
RL=2Ω
RL=3Ω
RL=4Ω
Efficiency vs. Power (VDD=3V)
50
55
60
65
70
75
80
85
90
0.0
0.5
1.0
1.5
2.0
Output power(W)
RL=2Ω
RL=3Ω
RL=4Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com