Electronic Components Datasheet Search
  English  ▼

X  

YDA137 Datasheet(PDF) 2 Page - YAMAHA CORPORATION

Part # YDA137
Description  D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA137 Datasheet(HTML) 2 Page - YAMAHA CORPORATION

  YDA137 Datasheet HTML 1Page - YAMAHA CORPORATION YDA137 Datasheet HTML 2Page - YAMAHA CORPORATION YDA137 Datasheet HTML 3Page - YAMAHA CORPORATION YDA137 Datasheet HTML 4Page - YAMAHA CORPORATION YDA137 Datasheet HTML 5Page - YAMAHA CORPORATION YDA137 Datasheet HTML 6Page - YAMAHA CORPORATION YDA137 Datasheet HTML 7Page - YAMAHA CORPORATION YDA137 Datasheet HTML 8Page - YAMAHA CORPORATION YDA137 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
YDA137
2
■
Terminal configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VSS
/MUTE
/MONO
VDDL
VSSPL2
OUTPL
VDDPL
OUTML
VSSPL1
HPOL
VPL
INL
VREFL
VSSL
/SLEEP
/PROT
HP
VDDR
VSSPR2
OUTPR
VDDPR
OUTMR
VSSPR1
HPOR
VPR
INR
VREFR
VSSR
<28pin TSSOP Top View>
■
Terminal functions
No.
Name
I/O
Function
1
VSS
-
Ground terminal for reference power supply
2
/MUTE
I
Mute control terminal
3
/MONO
I
Monaural control terminal
4
VDDL
-
L-ch power supply terminal for control stage
5
VSSPL2
-
L-ch ground terminal for output stage
6
OUTPL
O
L-ch PWM signal output terminal for positive side
7
VDDPL
-
L-ch power supply terminal for output stage
8
OUTML
O
L-ch PWM signal output terminal for negative side
9
VSSPL1
-
L-ch ground terminal for output stage
10
HPOL
OA
L-ch headphone output terminal
11
VPL
OA
L-ch first stage operational amplifier output terminal
12
INL
IA
L-ch analog signal input terminal
13
VREFL
OA
L-ch reference voltage output terminal
14
VSSL
-
L-ch ground terminal for control stage
15
VSSR
-
R-ch ground terminal for control stage
16
VREFR
OA
R-ch reference voltage output terminal
17
INR
IA
R-ch analog signal input terminal
18
VPR
OA
R-ch first stage operational amplifier output terminal
19
HPOR
OA
R-ch headphone output terminal
20
VSSPR1
-
R-ch ground terminal for output stage
21
OUTMR
O
R-ch PWM signal output terminal for negative side
22
VDDPR
-
R-ch power supply terminal for output stage
23
OUTPR
O
R-ch PWM signal output terminal for positive side
24
VSSPR2
-
R-ch ground terminal for output stage
25
VDDR
-
R-ch power supply terminal for control stage
26
HP
I
Headphone control terminal
27
/PROT
O
Protection detection terminal
28
/SLEEP
I
Sleep control terminal
(
Note) I: Digital input terminal, O: Digital output terminal, IA: Analog input terminal, OA: Analog output terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com