Electronic Components Datasheet Search
  English  ▼

X  

YSS940 Datasheet(PDF) 18 Page - YAMAHA CORPORATION

Part # YSS940
Description  ADAMB Advanced Digital Audio Multi channel decode processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS940 Datasheet(HTML) 18 Page - YAMAHA CORPORATION

Back Button YSS940 Datasheet HTML 14Page - YAMAHA CORPORATION YSS940 Datasheet HTML 15Page - YAMAHA CORPORATION YSS940 Datasheet HTML 16Page - YAMAHA CORPORATION YSS940 Datasheet HTML 17Page - YAMAHA CORPORATION YSS940 Datasheet HTML 18Page - YAMAHA CORPORATION YSS940 Datasheet HTML 19Page - YAMAHA CORPORATION YSS940 Datasheet HTML 20Page - YAMAHA CORPORATION YSS940 Datasheet HTML 21Page - YAMAHA CORPORATION YSS940 Datasheet HTML 22Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
YSS944/943/940
18
(2) SDO interface format
The following serial data output format is supported via register settings.
Regardless of the register setting, the output signals for SDO3 to SDO0 are always handled as fixed-point
24-bit data.
SDOBCK
SDOWCK
M
L
M
L
M
L
M
L
M
8 7
L
M
8 7
L
M
6 5
L
M
6 5
L
M
4 3
L
M
4
L
3
M
L
M
L
M : MSB DATA
L : LSB DATA
1(
frame
IEC60958 frame)
L ch
R ch
SDO3
SDOFMT[1:0]=1X
SDOBIT[1:0]=XX
SDOBP = 1
SDOBP = 0
SDOWP = 1
SDIWP = 0
SDOFMT[1:0]=00
SDOBIT[1:0]=XX
SDOFMT[1:0]=01
SDOBIT[1:0]=00
SDOFMT[1:0]=01
SDOBIT[1:0]=10
SDOFMT[1:0]=01
SDOBIT[1:0]=11
SDOFMT[1:0]=01
SDOBIT[1:0]=01
SDO0
to
24 bits
32 clock cycles
24 bits
24 clock cycles
32 clock cycles
24 clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com