Electronic Components Datasheet Search
  English  ▼

X  

YSS940 Datasheet(PDF) 29 Page - YAMAHA CORPORATION

Part # YSS940
Description  ADAMB Advanced Digital Audio Multi channel decode processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS940 Datasheet(HTML) 29 Page - YAMAHA CORPORATION

Back Button YSS940 Datasheet HTML 25Page - YAMAHA CORPORATION YSS940 Datasheet HTML 26Page - YAMAHA CORPORATION YSS940 Datasheet HTML 27Page - YAMAHA CORPORATION YSS940 Datasheet HTML 28Page - YAMAHA CORPORATION YSS940 Datasheet HTML 29Page - YAMAHA CORPORATION YSS940 Datasheet HTML 30Page - YAMAHA CORPORATION YSS940 Datasheet HTML 31Page - YAMAHA CORPORATION YSS940 Datasheet HTML 32Page - YAMAHA CORPORATION YSS940 Datasheet HTML 33Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
YSS944/943/940
29
5) SDOBCK, SDOWCK, SDO3 to SDO0 (master operation)
No.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
1
SDOBCK output frequency
fOBCK
Note 2)
12.5
MHz
2
SDOBCK output duty factor
dOBCK
Notes 1 and 3)
50
%
3
SDOBCK rise time
tOBR
CL = 50 pF
10
ns
4
SDOBCK fall time
tOBF
CL = 50 pF
10
ns
5
SDOWCK, SDO3 to SDO0
Output delay time
tODLY
CL = 50 pF
-15
15
ns
6
SDIBCK
→ SDOBCK
Output delay time
tOBDLY
CL = 50 pF
Note 4)
0
25
ns
Note 1)
The output polarity of SDIBCK and SDOBCK can be changed by DSIBP and DSOBP. In the
figure below, SDOBP = SDOBP = 0.
Note 2)
Although output divided from SDIMCK can be selected for SDOBCK via WBSEL[2:0], operation
is not guaranteed if SDIMCK’s frequency exceeds the range noted above.
Note 3)
When “SDIBCK through” has been selected (WBSEL[2:0] = 00), the SDDBCK output duty factor
is affected by the SDIBCK duty factor.
Note 4)
When “SDIBCK through” has been selected (WBSEL[2:0] = 00).
5
SDOBCK
SDOWCK
SDO3-0
3
4
2
1
2
SDIBCK
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com