Electronic Components Datasheet Search
  English  ▼

X  

MIC5301 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5301
Description  Single, 150mA 關Cap ULDO?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5301 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5301 Datasheet HTML 1Page - Micrel Semiconductor MIC5301 Datasheet HTML 2Page - Micrel Semiconductor MIC5301 Datasheet HTML 3Page - Micrel Semiconductor MIC5301 Datasheet HTML 4Page - Micrel Semiconductor MIC5301 Datasheet HTML 5Page - Micrel Semiconductor MIC5301 Datasheet HTML 6Page - Micrel Semiconductor MIC5301 Datasheet HTML 7Page - Micrel Semiconductor MIC5301 Datasheet HTML 8Page - Micrel Semiconductor MIC5301 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5301
Single, 150mA µCap ULDO™
ULDO is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technologies, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2006
M9999-111506
General Description
The MIC5301 is a high performance, single output
ultra low LDO (ULDO™) regulator, offering low total
output noise. The MIC5301 is capable of sourcing
150mA output current and offers high PSRR and low
output noise, making it an ideal solution for RF
applications.
For battery operated applications, the MIC5301 offers
2% accuracy, extremely low dropout voltage (40mV @
150mA), and low ground current (typically 85µA total).
The MIC5301 can also be put into a zero-off-mode
current state, drawing no current when disabled.
The MIC5301 is available in the 1.6mm x 1.6mm
MLF
® package, occupying only 2.56mm2 of PCB area,
a 36% reduction in board area compared to SC-70
and 2mm x 2mm MLF
® packages.
The MIC5301 has an operating junction temperature
range of –40°C to +125°C and is available in fixed and
adjustable output voltages in lead-free (RoHS
compliant) MLF
® and Thin SOT-23-5 packages.
Data sheets and support documentation can be found
on Micrel’s web site at www.micrel.com.
Features
• Ultra low dropout voltage – 40mV @ 150mA
• Input voltage range: 2.3V to 5.5V
• 150mA guaranteed output current
• Stable with ceramic output capacitors
• Ultra low output noise – 30µVrms
• Low quiescent current – 85µA total
• High PSRR – up to 75dB@1kHz
• 35µs turn-on time
• High output accuracy
–
± 2% initial accuracy
–
± 3% over temperature
• Thermal shutdown and current limit protection
• Tiny 6-pin 1.6mm x 1.6mm MLF® leadless
package
• Thin SOT-23-5 package
Applications
• Mobile phones
• PDAs
• GPS receivers
• Portable electronics
• Digital still and video cameras
Typical Application
VOUT
VIN
EN
GND
VIN
1µF
1µF
MIC5301-x.xYML
BYP
0.01µF
Portable Application


Similar Part No. - MIC5301

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5301-1.3YD5 MICREL-MIC5301-1.3YD5 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5301-1.3YMT MICREL-MIC5301-1.3YMT Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5301-1.5YD5 MICREL-MIC5301-1.5YD5 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5301-1.5YMT MICREL-MIC5301-1.5YMT Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5301-1.8YD5 MICREL-MIC5301-1.8YD5 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
More results

Similar Description - MIC5301

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
logo
Micrel Semiconductor
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
150mA 關Cap LDO Regulator
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
Dual, High Performance 300mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com