Electronic Components Datasheet Search
  English  ▼

X  

MIC5301 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5301
Description  Single, 150mA 關Cap ULDO?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5301 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5301 Datasheet HTML 1Page - Micrel Semiconductor MIC5301 Datasheet HTML 2Page - Micrel Semiconductor MIC5301 Datasheet HTML 3Page - Micrel Semiconductor MIC5301 Datasheet HTML 4Page - Micrel Semiconductor MIC5301 Datasheet HTML 5Page - Micrel Semiconductor MIC5301 Datasheet HTML 6Page - Micrel Semiconductor MIC5301 Datasheet HTML 7Page - Micrel Semiconductor MIC5301 Datasheet HTML 8Page - Micrel Semiconductor MIC5301 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5301
November 2006
3
M9999-111506
Pin Configuration
1
EN
GND
IN
6
BYP
NC
OUT
5
4
2
3
1
EN
GND
IN
6
BYP
ADJ
OUT
5
4
2
3
6-Pin 1.6mm x 1.6mm MLF (ML)
Fixed (Top View)
6-Pin 1.6mm x 1.6mm MLF (ML)
Adjustable (Top View)
EN GND
BYP
OUT
IN
3
1
5
2
4
EN GND
ADJ
OUT
IN
3
1
5
2
4
TSOT-23-5 (D5)
Fixed (Top View)
TSOT-23-5 (D5)
Adjustable (Top View)
Pin Description
Pin No.
MLF-6
Fixed
Pin No.
MLF-6
Adj.
Pin No.
TSOT-23-5
Fixed
Pin No.
TSOT-23-5
Adj.
Pin Name
Pin Function
1
1
3
3
EN
Enable Input. Active High. High = on, low = off.
Do not leave floating.
2
2
2
2
GND
Ground
3
3
1
1
IN
Supply Input.
4
4
5
5
OUT
Output Voltage.
5
–
–
–
NC
No connection.
–
5
–
4
ADJ
Adjust Input. Connect to external resistor voltage divider
network.
6
6
4
–
BYP
Reference Bypass: Connect external 0.01
µF to GND for
reduced Output Noise. May be left open.
HS Pad
HS Pad
–
–
E PAD
Exposed Heatsink Pad connected to ground internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com