Electronic Components Datasheet Search
  English  ▼

X  

MIC5301 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5301
Description  Single, 150mA 關Cap ULDO?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5301 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5301 Datasheet HTML 1Page - Micrel Semiconductor MIC5301 Datasheet HTML 2Page - Micrel Semiconductor MIC5301 Datasheet HTML 3Page - Micrel Semiconductor MIC5301 Datasheet HTML 4Page - Micrel Semiconductor MIC5301 Datasheet HTML 5Page - Micrel Semiconductor MIC5301 Datasheet HTML 6Page - Micrel Semiconductor MIC5301 Datasheet HTML 7Page - Micrel Semiconductor MIC5301 Datasheet HTML 8Page - Micrel Semiconductor MIC5301 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC5301
November 2006
4
M9999-111506
Absolute Maximum Ratings(1)
Supply Voltage (VIN) .....................................0V to +6V
Enable Input Voltage (VEN)...........................0V to +6V
Power Dissipation, Internally Limited
(3)
Lead Temperature (soldering, 3sec) ..................260°C
Storage Temperature (TS)................ –65°C to +150°C
Operating Ratings(2)
Supply Voltage (VIN).............................. +2.3V to +5.5V
Enable Input Voltage (VEN).............................. 0V to VIN
Junction Temperature (TJ) ................. –40°C to +125°C
Junction Thermal Resistance
MLF-6 (
θJA).............................................. 100°C/W
TSOT-23-5 (
θJA) ...................................... 235°C/W
Electrical Characteristics(4)
VIN = VOUT + 1.0V; COUT = 1.0µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Variation from nominal VOUT
-2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
-3.0
+3.0
%
Line Regulation
VIN = VOUT + 1V to 5.5V; IOUT = 100µA
0.02
0.3
0.6
%/V
%/V
Load Regulation
IOUT = 100µA to 150mA
0.15
2.0
%
Dropout Voltage
(5)
IOUT = 100µA
IOUT = 100mA
IOUT = 150mA
0.1
25
40
75
100
mV
mV
mV
Ground Pin Current
IOUT = 0 to 150mA
85
120
µA
Ground Pin Current in
Shutdown
VEN ≤ 0.2V
0.01
2
µA
Ripple Rejection
f = 1kHz; COUT = 1.0µF; CBYP = 0.1µF
f = 20kHz; COUT = 1.0µF; CBYP = 0.1µF
75
50
dB
dB
Current Limit
VOUT = 0V
275
450
850
mA
Output Voltage Noise
COUT = 1.0µF; CBYP = 0.1µF; 10Hz to 100kHz
30
µVRMS
Enable Input
Logic Low
0.2
V
Enable Input Voltage
Logic High
1
V
VIL ≤ 0.2V
0.01
1
µA
Enable Input Current
VIH ≥ 1.0V
0.01
1
µA
Turn-on Time
Turn-on Time
COUT = 1.0µF; CBYP = 0.1µF
35
100
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Specification for packaged product only.
5. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com