Electronic Components Datasheet Search
  English  ▼

X  

HV746 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV746
Description  Dual High Speed 짹75V 2.5A Ultrasound Pulser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV746 Datasheet(HTML) 3 Page - Supertex, Inc

  HV746 Datasheet HTML 1Page - Supertex, Inc HV746 Datasheet HTML 2Page - Supertex, Inc HV746 Datasheet HTML 3Page - Supertex, Inc HV746 Datasheet HTML 4Page - Supertex, Inc HV746 Datasheet HTML 5Page - Supertex, Inc HV746 Datasheet HTML 6Page - Supertex, Inc HV746 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV746
Operating Supply Voltages and Current (2 Channel Active)
(Operating conditions, unless otherwise specified, V
SS= 0V, VLL= +3.3V, VDD= +9.0V, VPP-VPF= +9.0V, VNN- VNF= -9.0V, VPP= +75V, VNN= -75V,TA= 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions
V
LL
Logic voltage reference
1.2
1.8 to 3.3
5.0
V
---
V
DD
Internal voltage supply
8.0
9.0
12
V
---
V
PF
P-FET gate driver supply
(V
PP-12)
(V
PP-9.0)
(V
PP-8.0)
V
Floating driver voltage
supplies.
V
NF
N-FET gate drive supply
(V
NN+8.0)
(V
NN+9.0)
(V
NN+12)
V
V
SUB
IC substrate voltage
V
DD
V
PP
+75
V
Must connect to the most
positive potential of the IC.
V
PP
Positive HV supply
0
-
+75
V
---
V
NN
Negative HV supply
-75
-
0
V
---
SR
MAX
Slew rate limit of V
PP, VNN
-
-
25
V/ms
Built-in slew rate detection
protection.
I
LL
V
LL Current EN = Low
-
35
120
μA
---
I
DDQ
V
DD Current EN = Low
-
15
-
μA
---
I
DDEN
V
DD Current EN = High
-
0.75
2.0
mA
f = 0MHz
I
DDEN
V
DD Current MODE = 4
-
0.75
-
mA
f = 5.0MHz, continuous,
no loads
I
DDENCW
V
DD Current MODE = 1
-
2.0
-
I
PPQ
V
PP Current EN = Low
-
10
25
μA
---
I
PPEN
V
PP Current MODE = 4
-
250
-
mA
f = 5.0MHz, continuous,
no loads
I
PPENCW
V
PP Current MODE = 1
-
170
-
I
NNQ
V
NN Current EN = Low
-
15
30
μA
---
I
NNEN
V
NN Current MODE = 4
-
250
-
mA
f = 5.0MHz, continuous,
no loads
I
NNENCW
V
NN Current MODE = 1
-
170
-
I
PFQ
V
PF Current EN = Low
-
10
25
μA
---
I
PFEN
V
PF Current MODE = 4
-
50
-
mA
f = 5.0MHz, continuous,
no loads
I
PFENCW
V
PF Current MODE = 1
-
12
-
I
NFQ
V
NF Current EN = Low
-
20
30
μA
---
I
NFEN
V
NF Current MODE = 4
-
25
-
mA
f = 5.0MHz, continuous,
no loads
I
NFENCW
V
NF Current MODE = 1
-
12
-
Under Voltage and Over Temperature Protection
Sym
Parameter
Min
Typ
Max
Units Conditions
V
PULL_UP
Open drain pull-up voltage
-
-
5.0
V
---
V
UVDD
V
DD threshold
4.5
-
6.0
V
---
V
UVLL
V
LL threshold
0.8
0.9
1.0
V
---
V
UVVF
V
PF, VNF threshold
4.5
-
6.0
V
---
V
OL_OTP
OTP flag output low voltage
-
-
1.0
V
V
LL= 3.3V, OTP = Active,
I
PULL-UP= 1.0mA
I
OTP
Max. open drain output current
-
1.0
-
mA
V
LL= 3.3V, OTP = Active,
I
PULL-UP= 1.0mA
T
OTP
Over temperature threshold
95
110
125
°C
If over temperature occurs, OTP
low and all TX outputs will be
HiZ.
T
HYS
OTP output reset hysteresis
-
7.0
-
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com