Electronic Components Datasheet Search
  English  ▼

X  

HV746 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV746
Description  Dual High Speed 짹75V 2.5A Ultrasound Pulser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV746 Datasheet(HTML) 6 Page - Supertex, Inc

  HV746 Datasheet HTML 1Page - Supertex, Inc HV746 Datasheet HTML 2Page - Supertex, Inc HV746 Datasheet HTML 3Page - Supertex, Inc HV746 Datasheet HTML 4Page - Supertex, Inc HV746 Datasheet HTML 5Page - Supertex, Inc HV746 Datasheet HTML 6Page - Supertex, Inc HV746 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
HV746
Pin Description
Pin #
Name
Function
1
VDD
Positive internal voltage supply (+9.0V).
2
VSS
Power supply return (0V).
3
PIN1
Input logic control of high voltage output P-FET of channel 1, Hi = ON, Low = OFF.
4
NIN1
Input logic control of high voltage output N-FET of channel 1, Hi = ON, Low = OFF.
5, 6, 7, 8
N/C
Not Connected
9
PIN2
Input logic control of high voltage output P-FET of channel 2, Hi = ON, Low = OFF.
10
NIN2
Input logic control of high voltage output N-FET of channel 2, Hi = ON, Low = OFF.
11
VSS
Power supply return (0V).
12
VDD
Positive internal voltage supply (+9.0V).
13
OTP
Over temperature protection output, open N-FET drain, active low if IC temperature >110°C.
14
MC1
Output current mode control pins, see Drive Mode Control Table.
15
MC0
16
VSUB
Substrate of the IC, All VSUB pins must connect to the most positive potential of the IC externally.
17
VPF
P-FET gate driver floating power supply, (V
PP- VPF) = +9.0V.
18,19, 20
VPP
Positive high voltage power supply (+75V).
21, 22, 23
VNN
Negative high voltage power supply (-75V).
24
VNF
N-FET gate driver floating power supply, (V
NF- VNN) = +9.0V.
25
VSUB
Substrate of the IC, all VSUB pins must connect to the most positive potential of the IC externally.
26
RGND
Bleed resistors common return ground.
27
TXN2
Output N-FET drain (open drain output) for channel 2.
28
29
TXP2
Output P-FET drain (open drain output) for channel 2.
30
31
TXN1
Output N-FET drain (open drain output) for channel 1.
32
33
TXP1
Output P-FET drain (open drain output) for channel 1.
34
35
RGND
Bleed resistors common return ground.
36
VSUB
Substrate of the IC, all VSUB pins must connect to the most positive potential of the IC externally.
37
VNF
N-FET gate driver floating power supply, (V
NF- VNN) = +9.0V.
38, 39, 40
VNN
Negative high voltage power supply (-75V).
41, 42, 43
VPP
Positive high voltage power supply (+75V).
44
VPF
P-FET gate driver floating power supply, (V
PP- VPF) = +9.0V.
45
VSUB
Substrate of the IC, all VSUB pins must connect to the most positive potential of the IC externally.
46
EN
Chip power enable Hi = ON, Low = OFF.
47
GREF
Logic low reference, logic ground (0V).
48
VLL
Logic Hi voltage reference input (+3.3V).
Thermal Pad
(VSUB)
Substrate bottom is internally connected to the central thermal pad on the bottom of package. It
must be connected to VSUB, the most positive potential of the IC externally.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com