Electronic Components Datasheet Search
  English  ▼

X  

HV746 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV746
Description  Dual High Speed 짹75V 2.5A Ultrasound Pulser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV746 Datasheet(HTML) 4 Page - Supertex, Inc

  HV746 Datasheet HTML 1Page - Supertex, Inc HV746 Datasheet HTML 2Page - Supertex, Inc HV746 Datasheet HTML 3Page - Supertex, Inc HV746 Datasheet HTML 4Page - Supertex, Inc HV746 Datasheet HTML 5Page - Supertex, Inc HV746 Datasheet HTML 6Page - Supertex, Inc HV746 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HV746
DC Electrical Characteristics
(Operating conditions, unless otherwise specified, V
SS= 0V, VLL= +3.3V, VDD= +9.0V, VPP-VPF= +9.0V, VNN- VNF= -9.0V, VPP= +75V, VNN= -75V,TA= 25°C)
Output P-Channel MOSFET, TXP (Mode 4)
Sym
Parameter
Min
Typ
Max
Units Conditions
I
OUT
Output saturation current
2.5
3.6
-
A
---
R
ON
Channel resistance
-
4.0
-
Ω
I
SD = 100mA
C
OSS
Output capacitance
-
200
-
pF
V
DS = 25V, f = 1.0MHz
Output N-Channel MOSFET, TXN (Mode 4)
Sym
Parameter
Min
Typ
Max
Units Conditions
I
OUT
Output saturation current
2.5
3.6
-
A
---
R
ON
Channel resistance
-
3.75
-
Ω
I
SD = 100mA
C
OSS
Output capacitance
-
80
-
pF
V
DS = 25V, f = 1.0MHz
MOSFET Drain Bleed Resistor
Sym
Parameter
Min
Typ
Max
Units Conditions
R
P/N1~4
Output bleed resistance
5.0
7.5
10
kΩ
---
P
RO
Bleed resistors power limit
-
-
80
mW
---
Logic Inputs
Sym
Parameter
Min
Typ
Max
Units Conditions
V
IH
Input logic high voltage
(V
LL- 0.4)
-
V
LL
V
---
V
IL
Input logic low voltage
0
-
0.4
V
---
I
IH
Input logic high current
-
-
10
μA
---
I
IL
Input logic low current
-10
-
-
μA
---
C
IN
Input logic capacitance
-
-
10
pF
---
AC Electrical Characteristics
(Operating conditions, unless otherwise specified, V
SS= 0V, VLL= +3.3V, VDD= +9.0V, VPP-VPF= +9.0V, VNN- VNF= -9.0V, VPP= +75V, VNN= -75V,TA= 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions
t
r
Output rise time
-
18
-
ns
330pF//2.5kΩ load
t
f
Output fall time
-
18
-
ns
f
OUT
Output frequency range
-
-
20
MHz
100Ω resistor load
HD2
Second harmonic distortion
-
-28
-
dB
t
EN
Enable time
-
180
500
μs
t
DIS
Disable time
-
2.8
10
μs
t
dr
Delay time on inputs rise
-
22
-
ns
t
df
Delay time on inputs fall
-
22
-
ns
t
dm
Delay on mode change
-
2.5
10
ns
Δt
delay
|t
dr - tdf| delay time matching
-
±2.0
-
ns
t
J
Delay jitter on rise or fall
-
15
-
ns
V
PP/VNN= +/-25V, input tr 50% to
HV
OUT tr or tf 50%,
with 330pF//2.5kΩ load



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com