Electronic Components Datasheet Search
  English  ▼

X  

AMC0136 Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC0136 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC0136_V01 Datasheet HTML 7Page - Texas Instruments AMC0136_V01 Datasheet HTML 8Page - Texas Instruments AMC0136_V01 Datasheet HTML 9Page - Texas Instruments AMC0136_V01 Datasheet HTML 10Page - Texas Instruments AMC0136_V01 Datasheet HTML 11Page - Texas Instruments AMC0136_V01 Datasheet HTML 12Page - Texas Instruments AMC0136_V01 Datasheet HTML 13Page - Texas Instruments AMC0136_V01 Datasheet HTML 14Page - Texas Instruments AMC0136_V01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
6 Detailed Description
6.1 Overview
The AMC0136 is a single-channel, second-order, CMOS, delta-sigma (ΔΣ) modulator with a high impedance
input, designed for high resolution voltage measurements. The isolated output of the converter (DOUT) provides
a stream of digital ones and zeros synchronous to the external clock applied to the CLKIN pin. The time average
of this serial output is proportional to the analog input voltage.
The modulator shifts the quantization noise to high frequencies; therefore, use a digital low-pass digital filter,
such as a Sinc filter at the device output to increase overall performance. This filter also converts the 1-bit data
stream at a high sampling rate into a higher-bit data word at a lower rate (decimation). Use a microcontroller
(μC) or field-programmable gate array (FPGA) to implement the filter.
The overall performance (speed and resolution) depends on the selection of an appropriate oversampling ratio
(OSR) and filter type. A higher OSR results in higher resolution while operating at a lower refresh rate. A lower
OSR results in lower resolution, but provides data at a higher refresh rate. This system allows flexibility with the
digital filter design and is capable of analog-to-digital conversion results with a dynamic range exceeding 89dB
with OSR = 256.
The silicon-dioxide (SiO2) based capacitive isolation barrier supports a high level of magnetic field immunity;
see the ISO72x Digital Isolator Magnetic-Field Immunity application note. The AMC0136 uses an on-off keying
(OOK) modulation scheme to transmit data across the isolation barrier. This modulation and the isolation barrier
characteristics, result in high reliability in noisy environments and high common-mode transient immunity.
6.2 Functional Block Diagram
DVDD
DOUT
DGND
AGND
INP
SNSN
AVDD
CLKIN
Modulator
Diagnostics
Digital
Interface
www.ti.com
AMC0136
SBASAZ0A – AUGUST 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com