Electronic Components Datasheet Search
  English  ▼

X  

AMC0136 Datasheet(PDF) 19 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC0136 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AMC0136_V01 Datasheet HTML 15Page - Texas Instruments AMC0136_V01 Datasheet HTML 16Page - Texas Instruments AMC0136_V01 Datasheet HTML 17Page - Texas Instruments AMC0136_V01 Datasheet HTML 18Page - Texas Instruments AMC0136_V01 Datasheet HTML 19Page - Texas Instruments AMC0136_V01 Datasheet HTML 20Page - Texas Instruments AMC0136_V01 Datasheet HTML 21Page - Texas Instruments AMC0136_V01 Datasheet HTML 22Page - Texas Instruments AMC0136_V01 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
7.2.2.1 Input Filter Design
Place a RC filter in front of the device to improve signal-to-noise performance of the signal path. Input noise
with a frequency close to the ΔΣ modulator sampling frequency (typically 10MHz) is folded back into the
low-frequency range by the modulator. The purpose of the RC filter is to attenuate high-frequency noise below
the desired noise level of the measurement. In practice, a cutoff frequency that is two orders of magnitude lower
than the modulator frequency yields good results.
Most voltage-sensing applications use high-impedance resistive dividers in front of the isolated modulator to
scale down the input voltage. In this case, a single capacitor, as shown in Figure 7-2, is sufficient to filter the
input signal. For R1 >> RSNS, the cut-off frequency of the input filter is 1 / (2 x π x RSNS x C5). For example,
RSNS =10kΩ and C5 = 100pF results in a cutoff frequency of 160kHz.
C5
RSNS
R1
V
AC
AVDD
AGND
INP
SNSN
Figure 7-2. Input Filter
7.2.2.2 Bitstream Filtering
The modulator generates a bitstream that is processed by a digital filter to obtain a digital word similar to a
conversion result of a conventional analog-to-digital converter (ADC). Equation 2 represents a sinc3-type filter,
which is a very simple filter that is built with minimal effort and hardware.
(2)
This filter provides the best output performance at the lowest hardware size (count of digital gates) for a second-
order modulator. All characterization in this document is also done with a sinc3 filter with an oversampling ratio
(OSR) of 256 and an output word width of 16 bits.
An example code for implementing a sinc3 filter in an FPGA is discussed in the Combining the ADS1202 with
an FPGA Digital Filter for Current Measurement in Motor Control Applications application note, available for
download at www.ti.com.
For modulator output bitstream filtering, a device from TI's C2000 or Sitara microcontroller families is
recommended. These families support multichannel dedicated hardwired filter structures that significantly
simplify system level design by offering two filtering paths per channel: one path provides high-accuracy results
for the control loop and the other provides a fast-response path for overcurrent detection.
A delta sigma modulator filter calculator is available for download at www.ti.com that aids in the filter design and
selecting the right OSR and filter order to achieve the desired output resolution and filter response time.
www.ti.com
AMC0136
SBASAZ0A – AUGUST 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com