Electronic Components Datasheet Search
  English  ▼

X  

AMC0136 Datasheet(PDF) 15 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC0136 Datasheet(HTML) 15 Page - Texas Instruments

Back Button AMC0136_V01 Datasheet HTML 11Page - Texas Instruments AMC0136_V01 Datasheet HTML 12Page - Texas Instruments AMC0136_V01 Datasheet HTML 13Page - Texas Instruments AMC0136_V01 Datasheet HTML 14Page - Texas Instruments AMC0136_V01 Datasheet HTML 15Page - Texas Instruments AMC0136_V01 Datasheet HTML 16Page - Texas Instruments AMC0136_V01 Datasheet HTML 17Page - Texas Instruments AMC0136_V01 Datasheet HTML 18Page - Texas Instruments AMC0136_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
6.3.4.2 Output Behavior in Case of a Missing High-Side Supply
If the high-side supply (AVDD) is missing, the device provides a constant bitstream of logic 0's at the output, and
DOUT is permanently low. Figure 6-6 shows a timing diagram of this process. A one is not generated every 128
clock pulses, which differentiates this condition from a valid negative fullscale input. This feature helps identify
high-side power-supply problems on the board. See the Diagnosing Delta-Sigma Modulator Bitstream Using
C2000™ Configurable Logic Block (CLB) application note for code examples of diagnosing the digital bitstream.
CLKIN
DOUT
AVDD
Data valid
Data valid
0
valid
missing
valid
Figure 6-6. Output of the AMC0136 in Case of a Missing High-Side Supply
www.ti.com
AMC0136
SBASAZ0A – AUGUST 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com