Electronic Components Datasheet Search
  English  ▼

X  

SC1470 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1470
Description  Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1470 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1470 Datasheet HTML 1Page - Semtech Corporation SC1470 Datasheet HTML 2Page - Semtech Corporation SC1470 Datasheet HTML 3Page - Semtech Corporation SC1470 Datasheet HTML 4Page - Semtech Corporation SC1470 Datasheet HTML 5Page - Semtech Corporation SC1470 Datasheet HTML 6Page - Semtech Corporation SC1470 Datasheet HTML 7Page - Semtech Corporation SC1470 Datasheet HTML 8Page - Semtech Corporation SC1470 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
www.semtech.com
SC1470
Synchronous Buck Pseudo Fixed
Frequency Power Supply Controller
POWER MANAGEMENT
Revision: April 29, 2005
Applications
Typical Application Circuit
The SC1470 is a single output, constant on-time
synchronous-buck PWM controller intended for use in
notebook computers and other battery operated portable
devices. Features include high efficiency and fast dynamic
response with no minimum on time. The excellent
transient response means that SC1470 based solutions
will require less output capacitance than competing fixed
frequency converters.
The frequency is constant until a step in load or line voltage
occurs, at which time the pulse density and frequency
will increase or decrease to counter the change in output
or input voltage. After the transient event, the controller
frequency will return to steady state operation. At light
loads, Power-Save Mode enables the SC1470 to skip
PWM pulses for better efficiency.
The output voltage can be adjusted from 0.5V to VCCA.
A frequency setting resistor sets the on-time for flexibility
in choosing filter components. The integrated gate drivers
feature adaptive shoot-through protection and soft
switching. Additional features include cycle-by-cycle
current limit, digital soft-start, over-voltage and under-
voltage protection, and a Power Good output.
Notebook computers
CPU I/O supplies
Handheld terminals and PDAs
LCD monitors
Network power supplies
Constant on-time for fast dynamic response
Programmable VOUT range = 0.5 – VCCA
VBAT range = 1.8V – 25V
DC current sense using low-side RDS(ON)
sensing or sense resistor
Resistor programmable frequency
Cycle-by-Cycle current limit
Digital soft-start
Combined EN and PSAVE functions
Over-voltage/under-voltage fault protection and
Power Good output
10µA typical shutdown current
Low quiescent power dissipation
14 Lead TSSOP package
Industrial temperature range
1% Internal reference (2% system DC accuracy)
Integrated gate drivers with soft switching
Description
Features
5VSUS
5VSUS
VBAT
R3
R1
RTON
PGOOD
R4
C4
1uF
VOUT
R6
L1
R5
C2
10uF
U1
SC1470
1
2
3
4
5
6
7
8
9
10
11
12
13
14
EN/PSV
TON
VOUT
VCCA
FB
PGD
VSSA
PGND
DL
VDDP
ILIM
LX
DH
BST
C6
1uF
VOUT
D1
R2
10R
VBAT
+
C3
Q2
C1 0.1uF
Q1
C5
1nF


Similar Part No. - SC1470

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC147 NJSEMI-SC147 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1471 SEMTECH-SC1471 Datasheet
49Kb / 1P
Power Supply Controller for Portable Pentium III SpeedStep Processors
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
Portable Pentium Dual Phase Power Supply Controller
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC1476 SEMTECH-SC1476 Datasheet
88Kb / 1P
Portable IMVP-IV Dual Phase Power Supply Controller
More results

Similar Description - SC1470

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134 SIPEX-SP6134 Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC1485 SEMTECH-SC1485 Datasheet
362Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1486 SEMTECH-SC1486 Datasheet
330Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
logo
Sipex Corporation
SP6134 SIPEX-SP6134_06 Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC483 SEMTECH-SC483 Datasheet
464Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1485 SEMTECH-SC1485_05 Datasheet
463Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC411 SEMTECH-SC411 Datasheet
476Kb / 27P
Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
SC1486 SEMTECH-SC1486_03 Datasheet
333Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com