Electronic Components Datasheet Search
  English  ▼

X  

SC1470 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1470
Description  Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1470 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1470 Datasheet HTML 1Page - Semtech Corporation SC1470 Datasheet HTML 2Page - Semtech Corporation SC1470 Datasheet HTML 3Page - Semtech Corporation SC1470 Datasheet HTML 4Page - Semtech Corporation SC1470 Datasheet HTML 5Page - Semtech Corporation SC1470 Datasheet HTML 6Page - Semtech Corporation SC1470 Datasheet HTML 7Page - Semtech Corporation SC1470 Datasheet HTML 8Page - Semtech Corporation SC1470 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
 2005 Semtech Corp.
www.semtech.com
SC1470
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
r
e
ll
o
r
t
n
o
C
d
l
o
h
s
e
r
h
T
r
o
t
a
r
a
p
m
o
C
r
o
r
r
E
)
d
l
o
h
s
e
r
h
T
n
o
-
n
r
u
T
B
F
(
)
1
(
V
5
.
5
o
t
V
5
.
4
=
A
C
C
V0
0
5
.
0%
1
-%
1
+V
e
g
n
a
R
e
g
a
tl
o
V
t
u
p
t
u
O
5
.
0A
C
C
VV
V
,
e
m
i
T
-
n
O
T
A
B
V
5
.
2
=R
N
O
T
M
1
=
Ω
1
6
7
17
9
4
15
2
0
2s
n
R
N
O
T
k
0
0
5
=
Ω
6
3
96
9
76
7
0
1s
n
e
m
i
T
ff
O
m
u
m
i
n
i
M
0
0
40
5
5s
n
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
T
U
O
V
0
0
5k
Ω
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
B
F
0
.
1
-0
.
1
+A
µ
g
n
i
s
n
e
S
t
n
e
r
r
u
C
-
r
e
v
O
t
n
e
r
r
u
C
k
n
i
S
M
I
L
Ih
g
i
H
L
D0
19
1
1A
µ
t
e
s
ff
O
r
o
t
a
r
a
p
m
o
C
t
n
e
r
r
u
CM
I
L
I
-
D
N
G
P5
-5
V
m
E
V
A
S
P
d
l
o
h
s
e
r
h
T
g
n
i
s
s
o
r
C
-
o
r
e
ZV
5
=
V
S
P
/
N
E
,
)
X
L
-
D
N
G
P
(5
V
m
n
o
i
t
c
e
t
o
r
P
t
l
u
a
F
)
e
v
it
i
s
o
P
(
ti
m
i
L
t
n
e
r
r
u
C
)
2
(
R
,
)
X
L
-
D
N
G
P
(
M
I
L
I
k
5
=
Ω
0
55
35
6V
m
R
,
)
X
L
-
D
N
G
P
(
M
I
L
I
k
0
1
=
Ω
0
0
15
85
1
1V
m
R
,
)
X
L
-
D
N
G
P
(
M
I
L
I
k
0
2
=
Ω
0
0
25
7
15
2
2V
m
)
e
v
it
a
g
e
N
(
ti
m
i
L
t
n
e
r
r
u
C)
X
L
-
D
N
G
P
(0
4
1
-0
0
2
-0
0
1
-V
m
tl
u
a
F
e
g
a
tl
o
V
-
r
e
d
n
U
t
u
p
t
u
Oe
c
n
e
r
e
f
e
r
l
a
n
r
e
t
n
i
o
t
t
c
e
p
s
e
r
h
ti
W0
3
-0
4
-5
2
-%
tl
u
a
F
e
g
a
tl
o
V
-
r
e
v
O
t
u
p
t
u
Oe
c
n
e
r
e
f
e
r
l
a
n
r
e
t
n
i
o
t
t
c
e
p
s
e
r
h
ti
W0
1
+8
+2
1
+%
y
a
l
e
D
tl
u
a
F
e
g
a
tl
o
V
-
r
e
v
Od
l
o
h
s
e
r
h
t
V
O
e
v
o
b
a
d
e
c
r
o
f
B
F5
s
µ
e
g
a
tl
o
V
t
u
p
t
u
O
w
o
L
D
G
PA
m
1
k
n
i
S
4
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
D
G
PV
5
=
D
G
P
,
n
o
it
a
l
u
g
e
r
n
i
B
F
1A
µ
d
l
o
h
s
e
r
h
T
V
U
D
G
Pe
c
n
e
r
e
f
e
r
l
a
n
r
e
t
n
i
o
t
t
c
e
p
s
e
r
h
ti
W0
1
-2
1
-8
-%
Test Conditions: V
BAT = 15V, EN/PSV = 5V, VCCA = VDDP = 5V, VOUT = 1.25V, RTON = 1MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com