Electronic Components Datasheet Search
  English  ▼

X  

SC1470 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC1470
Description  Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1470 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC1470 Datasheet HTML 11Page - Semtech Corporation SC1470 Datasheet HTML 12Page - Semtech Corporation SC1470 Datasheet HTML 13Page - Semtech Corporation SC1470 Datasheet HTML 14Page - Semtech Corporation SC1470 Datasheet HTML 15Page - Semtech Corporation SC1470 Datasheet HTML 16Page - Semtech Corporation SC1470 Datasheet HTML 17Page - Semtech Corporation SC1470 Datasheet HTML 18Page - Semtech Corporation SC1470 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
 2005 Semtech Corp.
www.semtech.com
SC1470
POWER MANAGEMENT
Layout Guidelines
C10
1uF
R3
20k0
R7
14k3
EN/PSV
1
TON
2
VOUT
3
VCCA
4
FB
5
PGD
6
VSSA
7
PGND
8
DL
9
VDDP
10
ILIM
11
LX
12
DH
13
BST
14
U1
SC1470
VOUT
C8
1nF
R1
1M
5VSUS
VBAT
PGOOD
Q1
IRF7811AV
Q2
FDS6676S
C9
1uF
R4 7k87
C1 0.1uF
D1
SOD323
C2
2n2/50V
VBAT
5VSUS
L1
2u2
+
C7
220u/25m
VOUT
R2
10R
0402
0402
0402
0402
C5
56p
0402
0402
0603
R6 0R (1)
0402
7343
+
C6
220u/25m
7343
0402
C3
0u1/25V
C4
10u/25V
0603
1210
0603
0402
0603
NOTES
(1) R 6 is not required but aids keeping VSSA separate f rom PGN D except where desired in lay out.
VBAT = 8V to 20V
VOUT = 1.2V @ 6A
Figure 4: Reference Design
One (or more) ground planes is/are recommended to minimize the effect of switching noise and copper losses, and
maximize heat dissipation. The IC ground reference, VSSA, should be kept separate from power ground. All
components that are referenced to VSSA should connect to it locally at the chip. VSSA should connect to power
ground at the output capacitor(s) only.
The VOUT feedback trace must be kept far away from noise sources such as switching nodes, inductors and gate
drives. Route the feedback trace with VSSA as a differential pair from the output capacitor back to the chip. Run
them in a “quiet layer” if possible. VSSA may be separated from PGND using a zero Ohm resistor (that will be placed
at the bottom of the output capacitors) to aid in net separation.
Chip decoupling capacitors (VDDP, VCCA) should be located next to the pins (VDDP and PGND, VCCA and VSSA) and
connected directly to them on the same side.
Power sections should connect directly to the ground plane(s) using multiple vias as required for current handling
(including the chip power ground connections). Power components should be placed to minimize loops and reduce
losses. Make all the connections on one side of the PCB using wide copper filled areas if possible. Do not use
“minimum” land patterns for power components. Minimize trace lengths between the gate drivers and the gates of
the MOSFETs to reduce parasitic impedances (and MOSFET switching losses), the low-side MOSFET is most critical.
Maintain a length to width ratio of <20:1 for gate drive signals. Use multiple vias as required by current handling
requirement (and to reduce parasitics) if routed on more than one layer
Current sense connections must always be made using Kelvin connections to ensure an accurate signal, with the
current limit resistor located at the device.
We will examine the reference design used in the Design Procedure section while explaining the layout guidelines in
more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com