Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA810
Description  OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA810 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 13Page - Texas Instruments OPA810 Datasheet HTML 14Page - Texas Instruments OPA810 Datasheet HTML 15Page - Texas Instruments OPA810 Datasheet HTML 16Page - Texas Instruments OPA810 Datasheet HTML 17Page - Texas Instruments OPA810 Datasheet HTML 18Page - Texas Instruments OPA810 Datasheet HTML 19Page - Texas Instruments OPA810 Datasheet HTML 20Page - Texas Instruments OPA810 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
6.10 Typical Characteristics: VS = 3 V to 10 V
at VOUT = 2 VPP, RF = 0 Ω for G = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to mid‑supply,
G = 1 V/V, input and output referenced to mid
‑supply, and TA ≅ 25°C (unless otherwise noted)
Frequency (Hz)
-15
-90
0
-60
15
-30
30
0
45
30
60
60
75
90
90
120
105
150
120
180
135
210
1
10
100
1k
10k
100k
1M
10M
100M
Magnitude
Phase
Small-signal response
Figure 6-40. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
VS = 10 V
VS = 3 V
VOUT = 20 mVPP
Figure 6-41. Frequency Response vs Supply Voltage
Frequency (Hz)
10
100
1k
10k
100k
1M
1
10
100
D401
Figure 6-42. Input Voltage Noise Density vs Frequency
Frequency (Hz)
10
100
1k
10k
100k
1M
0.1
1
10
Main Stage
Auxiliary Stage
Figure 6-43. Input Current Noise Density vs Frequency
Frequency (Hz)
20
40
60
80
100
120
140
100
1k
10k
100k
1M
10M
Figure 6-44. Common-Mode Rejection Ratio vs Frequency
Frequency (Hz)
-20
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
PSRR−
PSRR+
Figure 6-45. Power Supply Rejection Ratio vs Frequency
www.ti.com
OPA863A, OPA2863A
SBOSA95G – MAY 2022 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com