Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA810
Description  OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA810 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 17Page - Texas Instruments OPA810 Datasheet HTML 18Page - Texas Instruments OPA810 Datasheet HTML 19Page - Texas Instruments OPA810 Datasheet HTML 20Page - Texas Instruments OPA810 Datasheet HTML 21Page - Texas Instruments OPA810 Datasheet HTML 22Page - Texas Instruments OPA810 Datasheet HTML 23Page - Texas Instruments OPA810 Datasheet HTML 24Page - Texas Instruments OPA810 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
7.3.3 ESD Protection
As Figure 7-1 shows, all device pins are protected with internal ESD protection diodes to the power supplies.
These diodes provide moderate protection to input overdrive voltages greater than the supplies. The protection
diodes typically support 10-mA continuous input and output currents. Use series current limiting resistors if input
voltages exceeding the supply voltages occur at the amplifier inputs, which makes sure that the current through
the ESD diodes remains within the rated value. OPAx863A is a bipolar amplifier; therefore, the two inputs are
protected with antiparallel, back-to-back diodes between the inputs that limits the maximum input differential
voltage to approximately 1 V. Make sure to use gain-setting and feedback resistors large enough to limit the
current through these diodes in fast slewing conditions.
+
VS+
VS-
VIN+
VOUT
Power Sup ply
ESD Cell
VIN-
±
PD
Figure 7-1. Internal ESD Protection
7.4 Device Functional Modes
7.4.1 Power-Down Mode
The OPAx863A includes a power-down mode for low-power standby operation with a quiescent current of 8.5 μA
(typical) and high output impedance. Many low-power systems are active for only a small time interval when the
parameters of interest are measured and remain in low-power standby mode for a majority of the time, for an
overall small average power consumption. The OPAx863A enables such low-power operation with quick turn-on
within less than 8 μs. See the Electrical Characteristics tables for power-down pin control thresholds.
The OPAx863A is enabled with the PD pin driven to VS+ – 0.5 V or greater. The device powers down if the PD
pin is driven to VS+ – 1.5 V or less with a driver device capable of sinking approximately 1 μA (typical) current
from the PD pin. If level translation is needed to realize the PD pin thresholds for enable or power-down modes
of operation, use an external pullup resistor from PD pin to VS+ driven with an open-collector output.
www.ti.com
OPA863A, OPA2863A
SBOSA95G – MAY 2022 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com