Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA810
Description  OPAx863A High-Precision, 105MHz, Rail-to-Rail Input/Output Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA810 Datasheet(HTML) 2 Page - Texas Instruments

  OPA810 Datasheet HTML 1Page - Texas Instruments OPA810 Datasheet HTML 2Page - Texas Instruments OPA810 Datasheet HTML 3Page - Texas Instruments OPA810 Datasheet HTML 4Page - Texas Instruments OPA810 Datasheet HTML 5Page - Texas Instruments OPA810 Datasheet HTML 6Page - Texas Instruments OPA810 Datasheet HTML 7Page - Texas Instruments OPA810 Datasheet HTML 8Page - Texas Instruments OPA810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information OPA863A................................... 5
6.5 Thermal Information OPA2863A................................. 5
6.6 Electrical Characteristics VS = ±5 V ...........................6
6.7 Electrical Characteristics VS = 3 V..............................8
6.8 Typical Characteristics: VS = ±5 V............................ 10
6.9 Typical Characteristics: VS = 3 V.............................. 15
6.10 Typical Characteristics: VS = 3 V to 10 V................17
7 Detailed Description......................................................19
7.1 Overview................................................................... 19
7.2 Functional Block Diagram......................................... 19
7.3 Feature Description...................................................20
7.4 Device Functional Modes..........................................21
8 Application and Implementation.................................. 22
8.1 Application Information............................................. 22
8.2 Typical Applications.................................................. 22
8.3 Power Supply Recommendations.............................24
8.4 Layout....................................................................... 24
9 Device and Documentation Support............................26
9.1 Documentation Support............................................ 26
9.2 Receiving Notification of Documentation Updates....26
9.3 Support Resources................................................... 26
9.4 Trademarks...............................................................26
9.5 Electrostatic Discharge Caution................................26
9.6 Glossary....................................................................26
10 Revision History.......................................................... 26
11 Mechanical, Packaging, and Orderable
Information.................................................................... 26
4 Device Comparison Table
DEVICE
±VS
(V)
IQ/CHANNEL
(mA)
GBWP
(MHz)
SLEW RATE
(V/µs)
VOLTAGE NOISE
(nV/√Hz)
AMPLIFIER DESCRIPTION
OPAx863A
±6.3
0.80
50
100
6.3
Unity-gain stable RRIO bipolar amplifier
LMH6643
±6.4
2.7
65
130
17
Unity-gain stable NRI/RRO bipolar amplifier
OPA810
±13.5
3.6
70
200
6.3
Unity-gain stable RRIO FET-input amplifier
OPA837
±2.7
0.6
50
105
4.7
Unity-gain stable NRI/RRO bipolar amplifier
OPA607
±2.75
0.9
50
24
3.8
Decompensated gain of 6 V/V stable CMOS
amplifier
OPA863A, OPA2863A
SBOSA95G – MAY 2022 – REVISED DECEMBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com