Electronic Components Datasheet Search
  English  ▼

X  

SC1405D Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1405D
Description  High Speed Synchronous Power MOSFET Smart Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405D Datasheet(HTML) 5 Page - Semtech Corporation

  SC1405D Datasheet HTML 1Page - Semtech Corporation SC1405D Datasheet HTML 2Page - Semtech Corporation SC1405D Datasheet HTML 3Page - Semtech Corporation SC1405D Datasheet HTML 4Page - Semtech Corporation SC1405D Datasheet HTML 5Page - Semtech Corporation SC1405D Datasheet HTML 6Page - Semtech Corporation SC1405D Datasheet HTML 7Page - Semtech Corporation SC1405D Datasheet HTML 8Page - Semtech Corporation SC1405D Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
 2005 Semtech Corp.
www.semtech.com
SC1405D
POWER MANAGEMENT
Application Circuit - TSSOP-14
Timing Diagram
PWM IN
+5V
MTB75N03
2.2
MTB75N03
+
>>
<<
<<
(20KHz-1MHz)
<<< Output Feedback to PWM
Controller
75A,30V
75A,30V
Ov er-Voltage Sense
INPUT POWER
D1
1N5819
TG
13
CO
4
GND
3
EN
2
OVP_S
1
BST
14
DELAY _C
6
S_MOD
5
PGND
10
PRDY
7
BG
9
DSPS_DR
11
DRN
12
Vcc
8
SC1405D
.22uF
47pF
+
2.2
+
+
+
+
+
10uF,6.3V
.1uF
DSPS_DR
P_READY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com