Electronic Components Datasheet Search
  English  ▼

X  

SC1405D Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1405D
Description  High Speed Synchronous Power MOSFET Smart Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405D Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1405D Datasheet HTML 2Page - Semtech Corporation SC1405D Datasheet HTML 3Page - Semtech Corporation SC1405D Datasheet HTML 4Page - Semtech Corporation SC1405D Datasheet HTML 5Page - Semtech Corporation SC1405D Datasheet HTML 6Page - Semtech Corporation SC1405D Datasheet HTML 7Page - Semtech Corporation SC1405D Datasheet HTML 8Page - Semtech Corporation SC1405D Datasheet HTML 9Page - Semtech Corporation SC1405D Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
 2005 Semtech Corp.
www.semtech.com
SC1405D
POWER MANAGEMENT
Pin Configuration
Pin Descriptions
Top View
(14-Pin TSSOP)
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1S
_
P
V
O
n
o
it
c
e
t
o
r
p
t
e
s
o
t
d
e
r
i
u
q
e
r
s
r
o
t
s
i
s
e
r
g
n
il
a
c
s
l
a
n
r
e
t
x
E
.
e
s
n
e
s
n
o
it
c
e
t
o
r
p
e
g
a
tl
o
v
r
e
v
O
.
d
l
o
h
s
e
r
h
t
2N
E
d
n
a
,
G
B
,
G
T
,
w
o
l
n
e
h
W
.
e
c
i
v
e
d
e
h
t
f
o
y
r
ti
u
c
r
i
c
l
a
n
r
e
t
n
i
e
h
t
s
e
l
b
a
n
e
n
i
p
s
i
h
t
,
h
g
i
h
n
e
h
W
.
A
µ
0
1
n
a
h
t
s
s
e
l
s
i
)
V
5
(
t
n
e
r
r
u
c
y
l
p
p
u
s
e
h
t
d
n
a
w
o
l
d
e
c
r
o
f
e
r
a
Y
D
R
P
3D
N
G.
D
N
G
c
i
g
o
L
4O
C.
s
r
e
v
ir
d
T
E
F
S
O
M
e
h
t
o
t
l
a
n
g
i
s
t
u
p
n
i
l
e
v
e
l-
L
T
T
5D
O
M
_
S
n
e
h
W
.
n
o
it
a
r
e
p
o
s
u
o
n
o
r
h
c
n
y
s
a
g
n
ir
e
g
g
ir
t
,
w
o
l
e
b
o
t
G
B
s
e
c
r
o
f
l
a
n
g
i
s
s
i
h
t
,
w
o
l
n
e
h
W
.l
a
n
g
i
s
s
i
h
t
f
o
n
o
it
c
n
u
f
a
t
o
n
s
i
G
B
,
h
g
i
h
6C
_
Y
A
L
E
D
n
o
it
a
g
a
p
o
r
p
l
a
n
o
it
i
d
d
a
e
h
t
s
t
e
s
D
N
G
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
d
e
t
c
e
n
n
o
c
e
c
n
a
ti
c
a
p
a
c
e
h
T
o
n
fI
.
F
p
/
s
n
1
+
s
n
0
2
=
y
a
l
e
d
n
o
it
a
g
a
p
o
r
p
l
a
t
o
T
.
h
g
i
h
g
n
i
o
g
G
T
o
t
w
o
l
g
n
i
o
g
G
B
r
o
f
y
a
l
e
d
.
s
n
0
2
=
y
a
l
e
d
n
o
it
a
g
a
r
p
o
r
p
e
h
t
,
d
e
t
c
e
n
n
o
c
s
i
r
o
ti
c
a
p
a
c
7Y
D
R
P
s
i
h
t
,
d
l
o
h
s
e
r
h
t
O
L
V
U
e
h
t
n
a
h
t
s
s
e
l
s
i
C
C
V
n
e
h
W
.
C
C
V
f
o
s
u
t
a
t
s
e
h
t
s
e
t
a
c
i
d
n
i
n
i
p
s
i
h
T
s
i
h
t
d
l
o
h
s
e
r
h
t
O
L
V
U
e
h
t
o
t
s
l
a
u
q
e
r
o
n
a
h
t
r
e
t
a
e
r
g
s
i
C
C
V
n
e
h
W
.
w
o
l
n
e
v
ir
d
s
i
t
u
p
t
u
o
.
h
g
i
h
s
e
o
g
t
u
p
t
u
o
8C
C
V
o
t
C
C
V
m
o
r
f
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
µ
1
-
2
2
.
A
.
V
8
-
5
f
o
y
l
p
p
u
s
t
u
p
n
I
.
p
i
h
c
e
h
t
o
t
e
s
o
l
c
y
r
e
v
D
N
G
P
9G
B.
T
E
F
S
O
M
)
m
o
tt
o
b
(
s
u
o
n
u
o
r
h
c
n
y
s
e
h
t
r
o
f
e
v
ir
d
t
u
p
t
u
O
0
1D
N
G
P
.
)
d
n
u
o
r
g
r
e
w
o
p
(
n
i
p
e
c
r
u
o
s
T
E
F
s
u
o
n
o
r
h
c
n
y
s
e
h
t
o
t
t
c
e
n
n
o
C
.
d
n
u
o
r
g
r
e
w
o
P
1
1R
D
_
S
P
S
D
n
i
p
s
i
h
t
,
h
g
i
h
s
i
D
O
M
-
S
n
e
h
W
.l
a
n
g
i
s
t
u
p
t
u
o
l
e
v
e
l
L
T
T
.
e
v
ir
D
h
c
ti
w
S
t
n
i
o
P
t
e
S
c
i
m
a
n
y
D
.
e
g
a
tl
o
v
n
i
p
r
e
v
ir
d
G
B
e
h
t
s
w
o
ll
o
f
2
1N
R
D
n
i
p
s
i
h
T
.
s
'
T
E
F
S
O
M
s
u
o
n
o
r
h
c
n
y
s
d
n
a
g
n
i
h
c
ti
w
s
e
h
t
f
o
n
o
it
c
n
u
j
e
h
t
o
t
s
t
c
e
n
n
o
c
n
i
p
s
i
h
T
.
n
o
it
a
r
e
p
o
g
n
it
c
e
ff
a
t
u
o
h
ti
w
D
N
G
P
o
t
e
v
it
a
l
e
r
m
u
m
i
n
i
m
V
2
-
a
o
t
d
e
t
c
e
j
b
u
s
e
b
n
a
c
3
1G
T.
T
E
F
S
O
M
)
e
d
i
s
-
h
g
i
h
(
g
n
i
h
c
ti
w
s
e
h
t
r
o
f
e
v
ir
d
e
t
a
g
t
u
p
t
u
O
4
1T
S
B
e
h
t
p
o
l
e
v
e
d
o
t
s
n
i
p
N
R
D
d
n
a
T
S
B
n
e
e
w
t
e
b
d
e
t
c
e
n
n
o
c
s
i
r
o
ti
c
a
p
a
c
A
.
n
i
p
p
a
r
t
s
t
o
o
B
y
ll
a
c
i
p
y
t
s
i
e
u
l
a
v
r
o
ti
c
a
p
a
c
e
h
T
.
T
E
F
S
O
M
e
d
i
s
-
h
g
i
h
e
h
t
r
o
f
e
g
a
tl
o
v
p
a
r
t
s
t
o
o
b
g
n
it
a
o
lf
.
)
c
i
m
a
r
e
c
(
F
µ
1
d
n
a
F
µ
1
.
0
n
e
e
w
t
e
b
NOTE:
NOTE:
NOTE:
NOTE:
NOTE:
(1) All logic level inputs and outputs are open collector TTL compatible.
Ordering Information
e
c
i
v
e
De
g
a
k
c
a
PT
(
e
g
n
a
R
p
m
e
T
J)
T
R
T
S
T
I
D
5
0
4
1
C
S4
1
-
P
O
S
S
TC
°
5
2
1
o
t
°
0
4
-
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com