Electronic Components Datasheet Search
  English  ▼

X  

SC1405D Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1405D
Description  High Speed Synchronous Power MOSFET Smart Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405D Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1405D Datasheet HTML 3Page - Semtech Corporation SC1405D Datasheet HTML 4Page - Semtech Corporation SC1405D Datasheet HTML 5Page - Semtech Corporation SC1405D Datasheet HTML 6Page - Semtech Corporation SC1405D Datasheet HTML 7Page - Semtech Corporation SC1405D Datasheet HTML 8Page - Semtech Corporation SC1405D Datasheet HTML 9Page - Semtech Corporation SC1405D Datasheet HTML 10Page - Semtech Corporation SC1405D Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
 2005 Semtech Corp.
www.semtech.com
SC1405D
POWER MANAGEMENT
Block Diagram
Applications Information
SC1405D is designed to drive Low Rds_On power FETs
with ultra-low rise/fall times and propagation delays. As
the switching frequency of PWM controllers is increased
to reduce power supply volume and cost, fast rise and
fall times are necessary to minimize switching losses (TOP
FET) and reduce Dead-time (BOTTOM FET) losses. While
Low Rds_On FETs present a power saving in I2R losses,
the FET’s die area is larger and thus the effective input
capacitance of the FET is increased. Often a 50% de-
crease in Rds_On more than doubles the effective input
gate charge, which must be supplied by the driver. The
Rds_On power savings can be offset by the switching
and dead-time losses with a suboptimum driver. While
discrete solution can achieve reasonable drive capabil-
ity, implementing shoot-through, programmable delay and
other housekeeping functions necessary for safe opera-
tion can become cumbersome and costly. The SC1405
family of parts presents a total solution for the high-
speed, high power density applications. Wide input sup-
ply range of 4.5V-25V allows use in battery powered ap-
plications, new high voltage, distributed power servers
as well as Class-D amplifiers.
Theory of Operation
The control input (CO) to the SC1405D is typically sup-
plied by a PWM controller that regulates the power sup-
ply output. (See Application Evaluation Schematic on page
12). The timing diagram demonstrates the sequence of
events by which the top and bottom drive signals are
applied. The shoot-through protection is implemented
by holding the bottom FET off until the voltage at the
phase node (intersection of top FET source, the output
inductor and the bottom FET’s drain) has dropped below
1V. This assures that the top FET has turned off and
that a direct current path does not exist between the
input supply and ground, a condition which both the top
and bottom FETs are on momentarily. The top FET is
also prevented from turning on until the bottom FET is
off. This time is internally set to 20ns (typical) and may
be increased by adding a capacitor from the C-Delay pin
to GND. The delay is approximately 1ns/pF in addition
to the internal 20ns delay. The external capacitor may
be needed if multiple High input capacitance FETs are
used in parallel and the fall time is substantially greater
than 20ns.
It must be noted that increasing the dead-time by high
values of C-Delay capacitor will reduce efficiency since
the parallel Schottky or the bottom FET’s body diode will
have to conduct during dead-time.
Layout Guidelines
As with any high speed , high current circuit, proper lay-
out is critical in achieving optimum performance of the
SC1405D. The Evaluation board schematic on page 12
shows a dual phase synchronous design with all surface
mountable components.
While components connecting to C-Delay, OVP_S, EN,S-
MOD, DSPS_DR and PRDY are relatively noncritical, tight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com