Electronic Components Datasheet Search
  English  ▼

X  

EUA2005 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EUA2005
Description  1.5-W Mono Filterless Class-D Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EUA2005 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EUA2005 Datasheet HTML 6Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 7Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 8Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 9Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 10Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 11Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 12Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 13Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EUA2005
DS2005 Ver 1.1 Nov. 2006
13
Summing Two Single-Ended Input Signals
Four resistors and three capacitors are needed for
summing single-ended input signals. The gain and corner
frequencies (fc1 and fc2) for each input source can be set
independently (see equations (11) through (14), and
Figure 28). Resistor, RP, and capacitor, CP, are needed on
the IN+ terminal to match the impedance on the IN−
terminal. The single-ended inputs must be driven by low
impedance sources even if one of the inputs is not
outputting an ac signal.
---------------------(11)
---------------------(12)
-----------------------------------------(13)
----------------------------------------
-(14)
-------------------------------------------(15)
------------------------------------- (16)
Figure 28. Application Schematic With EUA2005
Summing Two Single-Ended Input
1
I
R
k
150
2
1
Gain
1
I
O
V
V
Ω
×
=
=
V
V
2
I
R
k
150
2
2
Gain
2
I
O
V
V
Ω
×
=
=
V
V
()
1
c
1
I f
R
2
1
1
I
C
π
=
()
2
c
2
I f
R
2
1
2
I
C
π
=
2
I
1
I
C
C
CP
+
=
()
2
I
R
1
I
R
2
I
R
1
I
R
P
R
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com