Electronic Components Datasheet Search
  English  ▼

X  

EUA2005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EUA2005
Description  1.5-W Mono Filterless Class-D Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EUA2005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EUA2005 Datasheet HTML 1Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 2Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 3Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 4Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 5Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 6Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 7Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 8Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
EUA2005
DS2005 Ver 1.1 Nov. 2006
1
1.5-W Mono Filterless Class-D
Audio Power Amplifier
DESCRIPTION
The EUA2005 is a high efficiency, 1.5W mono class-D
audio power amplifier. A low noise, filterless PWM
architecture eliminates the output filter, reducing external
component count, system cost, and simplifying design.
Operating in a single 5V supply, EUA2005 is capable of
driving 8Ω speaker load at a continuous average output of
1.5W/10% THD+N or 1.3W/1% THD+N. The EUA2005
has high efficiency with speaker load compared to a typical
class AB amplifier. With a 3.6V supply driving an 8Ω
speaker , the efficiency for a 400mW power level is 84%.
In cellular handsets, the earpiece, speaker phone, and
melody ringer can each be driven by the EUA2005. The
gain of EUA2005 is externally configurable which allows
independent gain control from multiple sources by
summing signals from seperate sources.
The EUA2005 is available in DFN packages.
FEATURES
Efficiency at 3.6V With an 8-Ω Speaker:
− 84% at 400 mW
− 80% at 100 mW
Low 2.8-mA Quiescent Current and
0.5-µA Shutdown Current
2.5V to 5.5V Wide Supply Voltage
Optimized PWM Output Stage Eliminates
LC Output Filter
Improved PSRR (−72 dB) Eliminates Need for a
Voltage Regulator
Fully Differential Design Reduces RF Rectification
and Eliminates Bypass Capacitor
Improved CMRR Eliminates Two Input
Coupling Capacitors
Internally Generated 250-kHz Switching
Frequency
Integrated Pop and Click Suppression Circuitry
3mm
× 3mm DFN-8 package
RoHS compliant and 100% lead(Pb)-free
APPLICATIONS
Ideal for Wireless or Cellular Handsets and PDAs
Typical Application Circuit
Figure1.


Similar Part No. - EUA2005

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2008 EUTECH-EUA2008 Datasheet
178Kb / 1P
3-W Stereo Class-D Audio Amplifier with 32-Step DC Volume Control
More results

Similar Description - EUA2005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
3.3 W Mono Filterless Class D Audio power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com