Electronic Components Datasheet Search
  English  ▼

X  

EUA2005 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EUA2005
Description  1.5-W Mono Filterless Class-D Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EUA2005 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EUA2005 Datasheet HTML 1Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 2Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 3Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 4Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 5Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 6Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 7Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 8Page - List of Unclassifed Manufacturers EUA2005 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EUA2005
DS2005 Ver 1.1 Nov. 2006
4
Absolute Maximum Ratings
▓
Supply Voltage, VDD ------------------------------------------------------------------------------------- -0.3 V to 6V
▓
Voltage at Any Input Pin ------------------------------------------------------------------------- -0.3 V to VDD +0.3V
▓
Junction Temperature, TJMAX --------------------------------------------------------------------------------------- 150°C
▓
Storage Temperature Rang, Tstg --------------------------------------------------------------------- -65°C to 150°C
▓
ESD Susceptibility --------------------------------------------------------------------------------------------
2kV
▓
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds -----------------------------------------
260°C
▓
Thermal Resistance
θJA (DFN) ---------------------------------------------------------------------------------------------------- 47°C/W
Recommended Operating Conditions
Min
Max
Unit
Supply voltage, VDD
2.5
5.5
V
High-level input voltage, VIH
SHUTDOWN
1.6
VDD
V
Low-level input voltage, VIL
SHUTDOWN
0
0.35
V
Input resistor, RI
Gain ≤ 20V/V (26dB)
15
kΩ
Common mode input voltage range, VIC
VDD=2.5V,5.5V,CMRR ≤ -49dB
0.5
VDD-0.8
V
Operating free-air temperature, TA
-40
85
°C
Electrical Characteristics TA = 25°C (Unless otherwise noted)
EUA2005
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
OS
V
Output offset voltage
(measured differentially)
VI= 0V,AV=2 V/V, VDD=2.5V to 5.5V
1
25
mV
PSRR
Power supply rejection ratio
VDD= 2.5V to 5.5V
-72
-55
dB
CMRR Common mode rejection ratio
VDD= 2.5V to 5.5V, VIC= VDD/2 to
0.5V, VIC= VDD/2 to VDD -0.8 V
-60
-48
dB
IH
I
High-level input current
VDD= 5.5V, VI= 5.8V
100
µA
IL
I
Low-level input current
VDD= 5.5V, VI= -0.3V
5
µA
VDD= 5.5V, no load
4.3
4.9
VDD= 3.6V, no load
2.8
I(Q)
Quiescent current
VDD= 2.5V, no load
2
3.2
mA
I(SD)
Shutdown current
V
(
)
SHUTDOWN =0.35V,
VDD= 2.5V to 5.5V
0.5
2
µA
VDD= 2.5V
700
VDD= 3.6V
500
rDS(on)
Static drain-source on-state
resistance
VDD= 5.5V
400
mΩ
Output impedance in
SHUTDOWN
V
(
)
SHUTDOWN =0.4V
>1
kΩ
f(sw)
Switching frequency
VDD= 2.5V to 5.5V
200
250
300
kHz
Resistance from shutdown toGND
300
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com