Electronic Components Datasheet Search
  English  ▼

X  

HT48R54A Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48R54A
Description  I/O Type 8-Bit OTP MCU with 16x16 High Current LED Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R54A Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48R54A Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R54A Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R54A Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R54A Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R54A Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R54A Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R54A Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R54A Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R54A Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
HT48R54A
Rev. 1.00
21
July 27, 2007
Options
The following table shows all kinds of options in the microcontroller. All of the options must be defined to ensure having
a proper functioning system.
Items
Options
1
OSC type selection: RC or crystal
2
PA0~PA7 bit wake-up enable or disable (by bit)
3
PA pull-high enable or disable (by port)
4
WDT clock source: WDT oscillator or fSYS/4 or 32768Hz oscillator
5
WDT enable or disable
6
CLRWDT instructions: 1 or 2 instructions
7
Timer/event counter 0 clock sources: fSYS/4 or fSP
8
LVR enable or disable
9
LVR voltage: 2.1V or 3.15V or 4.2V
10
Buzzer function: single BZ enable or both BZ and BZ or both disable
11
Buzzer frequency: fS/2, fS/4, fS/8, fS/16
12
PA7: Normal I/O or PFD output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com