Electronic Components Datasheet Search
  English  ▼

X  

SC553 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC553
Description  150mA Ultra Low Dropout Regulator with Adjustable Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC553 Datasheet(HTML) 4 Page - Semtech Corporation

  SC553 Datasheet HTML 1Page - Semtech Corporation SC553 Datasheet HTML 2Page - Semtech Corporation SC553 Datasheet HTML 3Page - Semtech Corporation SC553 Datasheet HTML 4Page - Semtech Corporation SC553 Datasheet HTML 5Page - Semtech Corporation SC553 Datasheet HTML 6Page - Semtech Corporation SC553 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC553
Notes:
(1) Only available in tape and reel packaging. A reel
contains 3000 devices.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
r
e
b
m
u
N
t
r
a
P
)
1
(
e
g
a
k
c
a
P
R
T
K
S
I
3
5
5
C
S5
-
3
2
-
T
O
S
T
R
T
K
S
I
3
5
5
C
S
)
2
(
Top View
SOT-23-5L
Pin Configuration
Ordering Information
Block Diagram
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
I.
n
i
p
t
u
p
n
I
2D
N
G.
d
e
d
e
e
n
fi
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
e
s
u
e
b
n
a
C
.
n
i
p
d
n
u
o
r
G
3N
E.
d
e
s
u
g
n
i
e
b
t
o
n
fi
N
I
o
t
t
c
e
n
n
o
C
.
n
i
p
e
l
b
a
n
e
h
g
i
h
e
v
it
c
A
4J
D
A
ti
u
c
r
i
C
n
o
it
a
c
il
p
p
A
l
a
c
i
p
y
T
e
e
s
(
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
a
o
t
n
i
p
s
i
h
t
g
n
it
c
e
n
n
o
C
.
n
i
p
t
s
u
j
d
A
V
s
t
e
s
)
1
e
g
a
p
n
o
T
U
O
:
o
t
5T
U
O.
A
m
0
5
1
o
t
p
u
g
n
i
c
r
u
o
s
,t
u
p
t
u
o
r
o
t
a
l
u
g
e
R
Pin Descriptions
 +
•
=
2
R
1
R
1
250
.
1
V
OUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com