Electronic Components Datasheet Search
  English  ▼

X  

SC553 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC553
Description  150mA Ultra Low Dropout Regulator with Adjustable Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC553 Datasheet(HTML) 5 Page - Semtech Corporation

  SC553 Datasheet HTML 1Page - Semtech Corporation SC553 Datasheet HTML 2Page - Semtech Corporation SC553 Datasheet HTML 3Page - Semtech Corporation SC553 Datasheet HTML 4Page - Semtech Corporation SC553 Datasheet HTML 5Page - Semtech Corporation SC553 Datasheet HTML 6Page - Semtech Corporation SC553 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC553
yyww
Top Mark
Bottom Mark
yyww = Datecode (Example: 0108)
553
Marking Information
Applications Information
Theory Of Operation
The SC553 is intended for applications where very low
dropout voltage, low supply current and low output noise
are critical. It provides a very simple, low cost solution
that uses very little pcb real estate. Only two external
capacitors are required for operation.
The SC553 contains a bandgap reference trimmed for
optimal temperature coefficient which is fed into the
inverting input of an error amplifier. The output voltage
of the regulator is divided down externally using a
resistor divider and compared to the bandgap voltage
via the adjust pin (ADJ). The error amplifier drives the
gate of a low R
DS(ON) P-channel
MOSFET pass device to
maintain V
OUT such that VADJ = VREF.
An active high enable pin (EN) allows the regulator to be
shut down. Pulling this pin low causes the device to
enter a very low power shutdown mode, where it will draw
typically 0.1µA from the input supply.
The regulator has its own current limit circuitry to
ensure that the output current will not damage the
device during output short, overload or start-up. The
current limit is guaranteed to be greater than 400mA to
allow fast charging of the output capacitor and high
initial currents for DSP initialization.
The SC553 includes thermal shutdown circuitry to turn
off the device if T
J exceeds 150°C (typical), with the
device remaining off until T
J drops by 15°C (typical).
Reverse battery protection circuitry ensures that the
device cannot be damaged if the input supply is
accidentally reversed, limiting the reverse current to less
than 1.5mA.
Component Selection - General
Output capacitor - Semtech recommends a minimum
capacitance of 1µF at the output with an equivalent
series resistance (ESR) of < 1
Ω over temperature. While
the SC553 has been designed to be used with ceramic
capacitors, it does not have to be used with ceramic
capacitors, allowing the designer a choice. Increasing the
bulk capacitance will further reduce output noise and
improve the overall transient response.
Input capacitor - Semtech recommends the use of a
1µF ceramic capacitor at the input. This allows for the
device being some distance from any bulk capacitance
on the rail. Additionally, input droop due to load transients
is reduced, improving overall load transient response.
External voltage selection resistors - the use of 1%
resistors, and designing for a current flow
≥ 10µA is
recommended to ensure a well regulated output (thus
R2
≤ 125kΩ). The output voltage (referring to Figure 1
below) will be:
 +
•
=
2
R
1
R
1
250
.
1
V
OUT
U1
SC553
1
2
3
4
5
IN
GND
EN
ADJ
OUT
R2
C1
1uF
R1
VIN
C2
1uF
VOUT
Figure 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com