Electronic Components Datasheet Search
  English  ▼

X  

SC553 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC553
Description  150mA Ultra Low Dropout Regulator with Adjustable Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC553 Datasheet(HTML) 6 Page - Semtech Corporation

  SC553 Datasheet HTML 1Page - Semtech Corporation SC553 Datasheet HTML 2Page - Semtech Corporation SC553 Datasheet HTML 3Page - Semtech Corporation SC553 Datasheet HTML 4Page - Semtech Corporation SC553 Datasheet HTML 5Page - Semtech Corporation SC553 Datasheet HTML 6Page - Semtech Corporation SC553 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC553
Dropout Voltage vs. Output Voltage
vs. Output Current
Typical Characteristics
Applications Information (Cont.)
Thermal Considerations
The worst-case power dissipation for this part is given
by:
(
)
)
MAX
(
Q
)
MAX
(
IN
)
MAX
(
OUT
)
MIN
(
OUT
)
MAX
(
IN
)
MAX
(
D
I
V
I
V
V
P
•
+
•
−
=
(1)
For all practical purposes, equation (1) can be reduced
to the following expression:
(2)
Looking at a typical application, 3.3V to 2.8V at 150mA:
V
IN(MAX) = 3.3 + 5% = 3.465V
V
OUT(MIN) = 2.8V - 2% = 2.744V
I
OUT = 150mA
T
A = 85°C
Inserting these values into equation (2) gives us:
Using this figure, we can calculate the maximum thermal
impedance allowable to maintain T
J ≤ 125°C:
(
) (
)
W
/
C
370
108
.
0
85
125
P
T
T
)
MAX
(
D
)
MAX
(
A
)
MAX
(
J
)
MAX
(
JA
°
=
−
=
−
=
θ
With the standard SOT-23-5 Land Pattern shown at the
end of this datasheet, and minimum trace widths, the
thermal impedance junction to ambient for SC553 is
256°C/W. Thus no additional heatsinking is required for
this example.
The junction temperature can be reduced further (or
higher power dissipation can be allowed) by the use of
larger trace widths and connecting PCB copper to the
GND pin (pin 2), which connects directly to the device
substrate. Adding approximately one square inch of PCB
copper to pin 2 will reduce
θ
JA to approximately
130°C/W and T
J(MAX)
for the example above to
approximately 100°C. The use of multi layer boards with
internal ground/power planes will lower the junction
temperature and improve overall output voltage
accuracy.
Layout Considerations
While layout for linear devices is generally not as critical
as for a switching application, careful attention to detail
will ensure reliable operation.
1) Attaching the part to a larger copper footprint will
enable better heat transfer from the device, especially
on PCBs where there are internal ground and power
planes.
2) Place the input and output capacitors close to the
device for optimal transient response and device
behaviour.
3) While the external resistor divider does not need to be
close to the device, care should be taken to avoid routing
the connections next to any lines carrying large amounts
of noise. The simplest solution is to place these resistors
close to the device and routing the top of R1 to the load
if not adjacent to the part.
4) Connect all ground connections directly to the ground
plane. If there is no ground plane, connect to a common
local ground point before connecting to board ground.
0
25
50
75
100
125
150
175
200
225
250
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VOUT (V)
TA = 25°C
Top to bottom:
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com