Electronic Components Datasheet Search
  English  ▼

X  

BS08D Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # BS08D
Description  Silicon Bilateral Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BS08D Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  BS08D Datasheet HTML 1Page - Powerex Power Semiconductors BS08D Datasheet HTML 2Page - Powerex Power Semiconductors BS08D Datasheet HTML 3Page - Powerex Power Semiconductors BS08D Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions
Inches
Millimeters
A
0.55 Min.
14.0 Min.
B
0.12 Max.
3.0 Max.
C
0.16
4.0
D
0.14
3.55
E
0.098 Max.
2.5 Max.
F
0.016
0.4
G
0.05 ± 0.012
1.27
H
0.018
0.45
Description:
The BS08D bilateral switch is a
silicon planar monolithic integrated
circuit with the electrical character-
istics of a bilateral thyristor. The
device is designed to switch at 7
to 9 volts with a 0.01%/°C temper-
ature coefficient and have excel-
lently matched characteristics in
both directions.
Features:
□ Low Switching Voltage of
7 to 9 Volts
□ Excellent Switching Voltage
Temperature Characteristics
(0.01%/°C)
□ High Reliability Devices
□ Gate Electrode Facilitating
Switching Operation Control
and Synchronization.
Applications:
□ Trigger Circuits for Thyristor or
Triac, Oscillators, Timers
Ordering Information:
Example: Select the complete five
digit part number you desire from
the table - i.e. BS08D is a 175mA
Silicon Bilateral Switch.
Type
BS08D
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Silicon
Bilateral Switch
BS08D
Outline Drawing
TT-1
➁
GG
D
D
C
B
J
H
A
➀ T2 TERMINAL
➁ GATE
➂ T1 TERMINAL
E
F
➂
➀
OUTLINE DRAWING
CONNECTION DIAGRAM


Similar Part No. - BS08D

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
BS08D ISAHAYA-BS08D Datasheet
683Kb / 15P
TRIGGER APPLICATION LEAD MOUNT TYPE, PLANE-MOUNTED TYPE
BS08D ISAHAYA-BS08D Datasheet
682Kb / 15P
TRIGGER ELEMENT
BS08D ISAHAYA-BS08D Datasheet
265Kb / 8P
TRIGGER APPLICATION LEAD MOUNT TYPE, PLANE-MOUNTED TYPE
logo
Powerex Power Semicondu...
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
Silicon Bilateral Switch
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
Silicon Bilateral Switch
More results

Similar Description - BS08D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
logo
Teccor Electronics
SIDAC TECCOR-SIDAC Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
silicon bilateral voltage triggered switch
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
logo
New Jersey Semi-Conduct...
2N4992 NJSEMI-2N4992 Datasheet
84Kb / 1P
SILICON BILATERAL SWITCH
logo
Powerex Power Semicondu...
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
Silicon Bilateral Switch
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
Silicon Bilateral Switch
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Powerex Power Semicondu...
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
Silicon Bilateral Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com