Electronic Components Datasheet Search
  English  ▼

X  

BS08D Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # BS08D
Description  Silicon Bilateral Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BS08D Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  BS08D Datasheet HTML 1Page - Powerex Power Semiconductors BS08D Datasheet HTML 2Page - Powerex Power Semiconductors BS08D Datasheet HTML 3Page - Powerex Power Semiconductors BS08D Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
BS08D
Silicon Bilateral Switch
OFF-STATE CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-40
10-2
10-1
100
101
0
40
80
120
-20
-60
20
60
100
140
VD = 5V
SWITCHING VOLTAGE
VS.JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60
7.5
7.7
7.9
8.1
8.3
-20
20
60
100
140
-40
0
40
80
120
SWITCHING CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60
-20
20
60
100
140
-40
0
40
80
120
0
80
160
240
320
TYPICAL VALUE
TYPICAL DISTRIBUTION
ON-STATE VOLTAGE
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60
0.80
0.90
1.00
1.10
1.20
1.30
IT = 175mA
-20
20
60
100
140
-40
0
40
80
120
HOLDING CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60 -40
0
40
80
-20
20
60
100
0
200
400
600
800
TYPICAL VALUE
TYPICAL DISTRIBUTION
GATE TRIGGER CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
0
20
40
60
80
100
0
40
80
120
160
TYPICAL VALUE
TYPICAL DISTRIBUTION
VD = 5V
GATE TRIGGER VOLTAGE
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
TYPICAL DISTRIBUTION
VD = 5V
TT-3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com