Electronic Components Datasheet Search
  English  ▼

X  

BS08D Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # BS08D
Description  Silicon Bilateral Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BS08D Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  BS08D Datasheet HTML 1Page - Powerex Power Semiconductors BS08D Datasheet HTML 2Page - Powerex Power Semiconductors BS08D Datasheet HTML 3Page - Powerex Power Semiconductors BS08D Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings, Ta = 25 °C unless otherwise specified
Ratings
Symbol
BS08D
Units
DC Forward Anode Current
IT
175
mA
Repetitive Peak Forward Current
–
1.0
Amperes
(1% Duty Cycle, 10 s Pulsewidth), Ta = 100°C
Non-repetitive Peak Forward Current (10 s Pulsewidth)
–
2.0
Amperes
Power Dissipation
PT
450
mW
DC Gate Current
IG
5mA
Storage Temperature
Tstg
-55 to 125
°C
Operating Temperature
Tj
-55 to 125
°C
Electrical and Thermal Characteristics, Tj = 25 °C unless otherwise specified
BS08D
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Switching Voltage
VS
Ta = 25°C
7
8
9
Volts
Switching Current
IS
Ta = 25°C
––
200
A
Absolute Switching Voltage Difference
VS1-VS2
Ta = 25°C
––
0.5
Volts
Absolute Switching Current Difference
IS1-IS2
Ta = 25°C
––
100
A
Holding Current
IH
Ta = 25°C
––
1.5
mA
Off-state Current
ID
VD = 5V, Ta = 25°C
––
1.0
A
VD = 5V, Ta = 85°C
––
10
A
Temperature Coefficient of Switching Voltage
–
Ta = -55 to 85°C
–
±0.01
–
%/°C
Peak On-state Voltage
VT
IT = 175mA, Ta = 25°C
––
1.4
Volts
Gate Trigger Current
IGT
VD = 5V, Ta = 25°C10
–
200
A
Gate Non-trigger Voltage
VGD
VD = 5V, Ta = 85°C
0.2
––
Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
BS08D
Silicon Bilateral Switch
TT-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com