Electronic Components Datasheet Search
  English  ▼

X  

SC470 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC470
Description  Synchronous Buck Controller for Dynamic Load-Voltage Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC470 Datasheet(HTML) 5 Page - Semtech Corporation

  SC470 Datasheet HTML 1Page - Semtech Corporation SC470 Datasheet HTML 2Page - Semtech Corporation SC470 Datasheet HTML 3Page - Semtech Corporation SC470 Datasheet HTML 4Page - Semtech Corporation SC470 Datasheet HTML 5Page - Semtech Corporation SC470 Datasheet HTML 6Page - Semtech Corporation SC470 Datasheet HTML 7Page - Semtech Corporation SC470 Datasheet HTML 8Page - Semtech Corporation SC470 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
 2005 Semtech Corp.
www.semtech.com
SC470
POWER MANAGEMENT
Pin Configuration
Ordering Information
TOP VIEW
1
2
3
4
12
11
10
9
16
15
14
13
567
8
MLPQ16: 4X4 BODY
T
DH
LX
ILIM
VDDP
VOUT
VCCA
FB
PGD
E
C
I
V
E
D
)
1
(
E
G
A
K
C
A
P
T
R
T
L
M
I
0
7
4
C
S
)
3
(
)
2
(
6
1
-
Q
P
L
M
T
R
T
S
T
I
0
7
4
C
S
)
3
(
)
2
(
4
1
-
P
O
S
S
T
B
V
E
0
7
4
C
S
)
4
(
d
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Only available in tape and reel packaging. A reel contains
2500 devices.
(2) This product is fully WEEE and RoHS compliant.
(3) Lead-free product. This product is J-STD-020B compliant and
all homogeneous subcomponents are RoHS compliant.
(4) Part-specific evaluation boards - consult factory for availability.
1
2
3
4
5
6
7
BST
EN/PSV
TOP VIEW
(14 Pin TSSOP)
13
12
14
11
10
DH
TON
LX
VOUT
ILIM
VCCA
VDDP
FB
DL
PGD
PGND
VSSA
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com