Electronic Components Datasheet Search
  English  ▼

X  

SC470 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC470
Description  Synchronous Buck Controller for Dynamic Load-Voltage Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC470 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC470 Datasheet HTML 6Page - Semtech Corporation SC470 Datasheet HTML 7Page - Semtech Corporation SC470 Datasheet HTML 8Page - Semtech Corporation SC470 Datasheet HTML 9Page - Semtech Corporation SC470 Datasheet HTML 10Page - Semtech Corporation SC470 Datasheet HTML 11Page - Semtech Corporation SC470 Datasheet HTML 12Page - Semtech Corporation SC470 Datasheet HTML 13Page - Semtech Corporation SC470 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
 2005 Semtech Corp.
www.semtech.com
SC470
POWER MANAGEMENT
drop across R
ILIM, a positive over-current exists and the
high side MOSFET will not be allowed to turn on. When
using an external sense resistor R
SENSE is the resistance
of the sense resistor.
The current limit circuitry also protects against negative
over-current (i.e., when the current is flowing from the
load to PGND through the inductor and bottom MOSFET).
In this case, when the bottom MOSFET is turned on, the
phase node, LX, will be higher than PGND initially. The
SC470 monitors the voltage at LX, and if it is greater
than a set threshold voltage of 140mV (nom.) the
bottom MOSFET is turned off. The device then waits for
approximately 2.5µs and then DL goes high for 300ns
(typ.) once more to sense the current. This repeats until
either the over-current condition goes away or the part
latches off due to output over-voltage (see Output
Over-voltage Protection).
Power Good Output
The power good output is an open-drain output and
requires a pull-up resistor. When the output voltage is
20% above or 10% below its set voltage, PGD gets pulled
low. It is held low until the output voltage returns to within
+
20%/-10% of the output set voltage. PGD is also held
low during start-up and will not be allowed to transition
high until soft-start is over (440 switching cycles) and
the output reaches 90% of its set voltage. There is a 5µs
delay built into the PGD circuitry to prevent false
transitions.
Output Over-Voltage Protection
When the output exceeds 20% of the its set voltage the
low-side MOSFET is latched on. It stays latched on and
the controller is latched off until reset. There is a 5µs
delay built into the OV protection circuit to
prevent false transitions.
Output Under-Voltage Protection
When the output is 30% below its set voltage the output
is latched in a tri-stated condition. It stays latched and
the controller is latched off until reset. There is a 5µs
delay built into the UV protection circuit to
prevent false transitions. Note: to reset from any fault,
VCCA or EN/PSV must be toggled.
Application Information (Cont.)
POR, UVLO and Softstart
An internal power-on reset (POR) occurs when VCCA ex-
ceeds 3V, resetting the fault latch and soft-start counter,
and preparing the PWM for switching. VCCA under-volt-
age lockout (UVLO) circuitry inhibits switching and forces
the DL gate driver high until VCCA rises above 4.2V. At
this time the circuit will come out of UVLO and begin
switching, and with the soft-start circuit enabled, will pro-
gressively limit the output current (by limiting the current
out of the ILIM pin) over a predetermined time period of
440 switching cycles.
The ramp occurs in four steps:
1) 110 cycles at 25% ILIM with double minimum off-time
(for purposes of the on-time one-shot there is an internal
positive offset of 120mV to VOUT during this period to
aid in start-up).
2) 110 cycles at 50% ILIM with normal minimum off-time.
3) 110 cycles at 75% ILIM with normal minimum off-time.
4) 110 cycles at 100% ILIM with normal minimum
off-time.
At this point the output under-voltage and power good
circuitry is enabled. There is 100mV of hysteresis built
into the UVLO circuit and when VCCA falls to 4.1V (nom.)
the output drivers are shut down and tristated.
MOSFET Gate Drivers
The DH and DL drivers are optimized for driving
moderate-sized high-side, and larger low-side power
MOSFETs. An adaptive dead-time circuit monitors the DL
output and prevents the high-side MOSFET from turning
on until DL is fully off (below ~1V). Conversely, it
monitors the phase node, LX, to determine the state of
the high side MOSFET, and prevents the low-side MOSFET
from turning on until DH is fully off (LX below ~1V). Note:
Be sure there is low resistance and low inductance be-
tween the DH and DL outputs to the gate of each
MOSFET.
Dropout Performance
The output voltage adjust range for continuous-
conduction operation is limited by the fixed 550ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com