Electronic Components Datasheet Search
  English  ▼

X  

SC470 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC470
Description  Synchronous Buck Controller for Dynamic Load-Voltage Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC470 Datasheet(HTML) 1 Page - Semtech Corporation

  SC470 Datasheet HTML 1Page - Semtech Corporation SC470 Datasheet HTML 2Page - Semtech Corporation SC470 Datasheet HTML 3Page - Semtech Corporation SC470 Datasheet HTML 4Page - Semtech Corporation SC470 Datasheet HTML 5Page - Semtech Corporation SC470 Datasheet HTML 6Page - Semtech Corporation SC470 Datasheet HTML 7Page - Semtech Corporation SC470 Datasheet HTML 8Page - Semtech Corporation SC470 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
www.semtech.com
SC470
Synchronous Buck Controller for
Dynamic Load-Voltage Applications
POWER MANAGEMENT
September 27, 2005
Description
Features
Applications
The SC470 is a single output, constant on-time
synchronous-buck, pseudo-fixed frequency, PWM
controller intended for use in notebook computers and
other battery operated portable devices. Features
include high efficiency and fast dynamic response with
no minimum on-time. The excellent transient response
means that SC470 based solutions will require less
output capacitance than competing fixed frequency
converters.
The SC470 is specifically targeted for graphics processor
power supplies that require dynamic voltage transition,
with a tight 0.85% DC accuracy and a 20% OVP threshold.
The frequency is constant until a step-in load or line
voltage occurs, at which time the pulse density and
frequency will increase or decrease to counter the change
in output or input voltage. After the transient event, the
controller frequency will return to steady state operation.
At light loads, Power-Save Mode enables the SC470 to
skip PWM pulses for better efficiency.
The output voltage can be adjusted from 0.5V to VCCA.
The integrated gate drivers feature adaptive shoot-
through protection and soft switching. Additional features
include cycle-by-cycle current limit, digital soft-start, over-
voltage and under-voltage protection, and a PGD output.
Graphics Cards
Embedded Graphics Processors
High Performance Processors
Constant on-time for fast dynamic response
Programmable VOUT range = 0.5 – VCCA
VBAT range = 1.8V – 25V
DC current sense using low-side RDS(ON) sensing
or RSENSE in source of low-side MOSFET for
greater accuracy
Resistor programmable on-time
Cycle-by-cycle current limit
Digital soft-start
Combined EN and PSAVE functions
Over-voltage/under-voltage fault protection
and PGD output
20% OVP threshold for simpler dynamic voltage
transition circuitry
5µA typical shutdown current
Low quiescent power dissipation
14 lead TSSOP and 16 pin MLPQ (4mm x 4mm)
packages
Industrial temperature range
0.85% DC accuracy
Integrated gate drivers with soft-switching
Typical Application Circuit
5VSUS
5VSUS
VBAT
R2
R1
RTON
PGOOD
R3
C4
1uF
VOUT
R4
L1
R2
C2
10uF
U1
SC470
EN/PSV
TON
VOUT
VCCA
FB
PGD
VSSA
PGND
DL
VDDP
ILIM
LX
DH
BST
C6
1uF
VOUT
D1
R1
10R
VBAT
+
C3
Q2
C1
0.1uF
Q1
C5
1nF


Similar Part No. - SC470

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC471 SEMTECH-SC471 Datasheet
730Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471 SEMTECH-SC471 Datasheet
534Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471A SEMTECH-SC471A Datasheet
730Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471A SEMTECH-SC471A Datasheet
534Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471AEVB SEMTECH-SC471AEVB Datasheet
534Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
More results

Similar Description - SC470

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
Synchronous CPU Buck Controller for 12V Only Applications
Rev. 3/11/99
logo
ON Semiconductor
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com