Electronic Components Datasheet Search
  English  ▼

X  

SC453 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC453
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC453 Datasheet HTML 2Page - Semtech Corporation SC453 Datasheet HTML 3Page - Semtech Corporation SC453 Datasheet HTML 4Page - Semtech Corporation SC453 Datasheet HTML 5Page - Semtech Corporation SC453 Datasheet HTML 6Page - Semtech Corporation SC453 Datasheet HTML 7Page - Semtech Corporation SC453 Datasheet HTML 8Page - Semtech Corporation SC453 Datasheet HTML 9Page - Semtech Corporation SC453 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CORE Comparator (CMP, REFIN, HYS) (Cont.)
Hysteresis Setting
Current SLP = low
I
CMP
R
HYS = 17K
V
CMP < VREFIN
-110
-100
-90
μA
V
CMP > VREFIN
90
100
110
R
HYS = 170K
V
CMP < VREFIN
-7
-10
-13
V
CMP > VREFIN
710
13
Hysteresis Setting
Current SLP = high
I
SLP_ ICMP
R
HYS = 17K
V
CMP < VREFIN
-83
-73
-63
μA
V
CMP > VREFIN
63
73
83
Current Limit Comparator (CL, CLRF, HYS)
Input Bias Current
I
CL
V
CL1, 2 = 1.3V
|±2|
μA
Input Voltage Offset
V
CL- VCLRF
|±3|
|±5|
mV
Current Limit Setting
Current SLP = low
I
CLRF
R
HYS = 17K
V
CL < VCLRF
150
200
250
μA
V
CL > VCLRF
250
300
350
R
HYS = 170K
V
CL < VCLRF
15
20
25
V
CL > VCLRF
25
30
35
Current Limit Setting
Current SLP = high
I
SLP_CLRF
R
HYS = 17K
V
CL < VCLRF
120
150
180
μA
V
CL > VCLRF
195
230
265
Zero-Crossing (Powersave) Comparators (CL, CORE)
Offset
V
CL- VCORE
|±5|
mV
High Side Driver (TG)
Peak Output Current(1)
I
pkh
1.5
A
Output Resistance
R
SRC_TG
I = 100mA,
V
BST-VDRN = 5V
V
DRN < 1V
4.2
Ω
V
DRN > 1V
1
4
R
SINK_TG
I = 100mA, V
BST-VDRN = 5V
0.7
1.4
Ω
Rise Time(1)
tr
TG
C
TG = 3nF, VBST-VDRN = 5V
60
ns
Fall Time(1)
tf
TG
C
TG = 3nF, VBST-VDRN = 5V
36
ns
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com