Electronic Components Datasheet Search
  English  ▼

X  

SC453 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC453
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC453 Datasheet HTML 3Page - Semtech Corporation SC453 Datasheet HTML 4Page - Semtech Corporation SC453 Datasheet HTML 5Page - Semtech Corporation SC453 Datasheet HTML 6Page - Semtech Corporation SC453 Datasheet HTML 7Page - Semtech Corporation SC453 Datasheet HTML 8Page - Semtech Corporation SC453 Datasheet HTML 9Page - Semtech Corporation SC453 Datasheet HTML 10Page - Semtech Corporation SC453 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Parameter
Symbol
Conditions
Min
Typ
Max
Units
High Side Driver (Cont.)
Propagation Delay TG
Going High(1)
tpdh
TG
CMP crossing REFIN to 10%
point of TG, C
TG = 3nF, BG = 0V
45
ns
Propagation Delay TG
Going Low(1)
tpdl
TG
CMP crossing REFIN to 90%
point of TG, C
TG = 3nF
45
ns
Shoot-thru Protection
Delay Time(1)
tspd
21
30
39
ns
Low Side Driver (BG)
Peak Output Current(1)
I
pkl
3A
Output Resistance
R
SRC_BG
I = 100mA, V5 = 5V
1.0
2.6
Ω
R
SINK_BG
0.5
1.2
Rise Time(1)
tr
BG
C
BG = 3nF, V5 = 5V
25
ns
Fall Time(1)
tf
BG
C
TG = 3nF, V = 5V
15
ns
Propagation Delay TG
Going High(1)
tpdh
BG
CMP crossing REFIN to 10%
point of BG, C
BG = 3nF, DRN = 0V
35
ns
Propagation Delay TG
Going Low(1)
tpdl
BG
CMP crossing REFIN to 90%
point of TG, C
TG = 3nF, DRN = 0V
35
ns
Notes:
1) Guaranteed by design.
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com