Electronic Components Datasheet Search
  English  ▼

X  

SC453 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC453
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC453 Datasheet HTML 14Page - Semtech Corporation SC453 Datasheet HTML 15Page - Semtech Corporation SC453 Datasheet HTML 16Page - Semtech Corporation SC453 Datasheet HTML 17Page - Semtech Corporation SC453 Datasheet HTML 18Page - Semtech Corporation SC453 Datasheet HTML 19Page - Semtech Corporation SC453 Datasheet HTML 20Page - Semtech Corporation SC453 Datasheet HTML 21Page - Semtech Corporation SC453 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Step 4: BOOTV Design
The boot-up voltage for V
CORE is set at 1.2V. For the SC453
typical application circuit, R3, R4, and R5 form a voltage
divider off V
REF and are used to set the boot voltage. For
simplicity, we define R
BOOT : = R3 + R4.
VBOOT
1.2V
:=
O.
RHYS
1
1
R25
1
RBOOT R5
+
+
:=
P.
RBOOT
VBOOT R5
⋅
VREF VBOOT
−
:=
Step 5: Sleep Voltage Design
The sleep voltage is set at 0.750V nominally using the R3
- R4 - R5 divider.
Q.
VSLP
0.750V
:=
R3, R4 and R5 are calculated using a matrix to solve the
simultaneous equations. R14 is set at 1MΩ as a place-
holder:
R14 1000KΩ
:=
Mx
1
1
1
1
1
VSLP
1
−
VREF VSLP
−
⋅
1
VBOOT
VREF VBOOT
−
−
VSLP
1
−
VREF VSLP
−
⋅
⎛
⎜
⎜
⎜
⎜
⎜
⎜
⎝
⎞
⎟
⎟
⎟
⎟
⎟
⎠
:=
Applications Information (Cont.)
From the standard 1% resistor value table, we choose
the following values according to the calculation results:
R5 = 33.2KΩ.
R4 = 30.1KΩ
R3 = 49.9KΩ
Step 6: Current Limit Calculation
Setting the threshold for current limit is a relatively
straightforward process. To do this we must calculate the
peak current based on the maximum DC value plus the
worst-case ripple current. The following calculations apply
for a single phase. Worst-case ripple occurs at the high-
est input voltage. Since ripple is also inversely proportion-
al to inductance, it is recommended that the minimum
inductance value be used based on the manufacturer’s
specified tolerance:
LLOW
L1 120%
−
()
⋅
:=
LLOW 4.8 10
7
−
×
H
=
R.
IRIPPLE_MAX
VINMAX VMAX_NL
−
()dMIN
⋅
LLOW FS
⋅
:=
v
R14 RHYS
⋅
R14 RHYS
−
0
0
⎛⎜
⎜
⎜
⎜
⎜⎝
⎞
⎟
⎟
⎟
⎟⎠
:=
soln
lsolve Mx v
,
()
:=
soln
5.011
10
4
×
3.007
10
4
×
3.341
10
4
×
⎛
⎜
⎜
⎜
⎜
⎝
⎞
⎟
⎟
⎟
⎠
Ω
=
R4 3.007 10
4
×Ω
=
R4
010
(
) soln
⋅
:=
R5 3.341 10
4
×Ω
=
R5
001
(
) soln
⋅
:=
R3
100
(
) soln
⋅
:=
R3 5.011 10
4
×Ω
=
R3 VSLP
R4 R5
+
()
VREF VSLP
−
⋅
:=
IRIPPLE_MAX 6.777 A
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com