Electronic Components Datasheet Search
  English  ▼

X  

A1175 Datasheet(PDF) 8 Page - STMicroelectronics

Part # A1175
Description  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A1175 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A1175 Datasheet HTML 4Page - STMicroelectronics A1175 Datasheet HTML 5Page - STMicroelectronics A1175 Datasheet HTML 6Page - STMicroelectronics A1175 Datasheet HTML 7Page - STMicroelectronics A1175 Datasheet HTML 8Page - STMicroelectronics A1175 Datasheet HTML 9Page - STMicroelectronics A1175 Datasheet HTML 10Page - STMicroelectronics A1175 Datasheet HTML 11Page - STMicroelectronics A1175 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TDA1175P
8/13
Figure 10. P.C. Board and Components Layout of the Circuit of Figure 9 (1:1 scale)
Table 5. Bill of Material
P2
R6
C2
R9
C6
R2
GND
P1
C4
R12
C18
C9
C12
V-FREQ
V-SIZE
VS
C1
C3
P3
V.LIN
R14
R7
C7
R4
R8
C8
R10
Y1
C11
D1
R1
IC1
C6
R8
R6
R
Item
Qty
Reference
Part
1
4
C1, C6, C7, C11
0.1
µF
2
1
C2
1000
µF 35V
3
1
C3
100
µF 35V
4
1
C4
0.15
µF
5
1
C5
1.8nF
61
C8
22
µF 35V
7
1
C9
3.3nF
8
1
C10
560pF
9
1
C12
470
µF 50V
10
1
D1
1N4007
11
1
IC1
TDA1175P
12
1
P1
100k
Ω POT
13
1
P2
220k
Ω POT
14
1
P3
50k
ΩPOT
15
1
R1
3.3k
Ω
16
1
R2
82k
Ω
17
1
R3
240k
Ω
18
1
R4
1M
Ω
19
1
R5
200k
Ω
20
1
R6
56k
Ω
21
1
R7
27k
Ω
22
1
R8
47k
Ω
23
1
R9
5.1k
Ω
24
1
R10
0.82
Ω
25
1
R11
2.7k
Ω
26
1
R12
220k
Ω
27
1
R13
3.3
Ω
28
1
R14
220
Ω 1/2W
29
1
Y1
YOKE
Item
Qty
Reference
Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com