Electronic Components Datasheet Search
  English  ▼

X  

A1175 Datasheet(PDF) 9 Page - STMicroelectronics

Part # A1175
Description  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A1175 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button A1175 Datasheet HTML 5Page - STMicroelectronics A1175 Datasheet HTML 6Page - STMicroelectronics A1175 Datasheet HTML 7Page - STMicroelectronics A1175 Datasheet HTML 8Page - STMicroelectronics A1175 Datasheet HTML 9Page - STMicroelectronics A1175 Datasheet HTML 10Page - STMicroelectronics A1175 Datasheet HTML 11Page - STMicroelectronics A1175 Datasheet HTML 12Page - STMicroelectronics A1175 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
TDA1175P
MOUNTING INSTRUCTION
The Rth (j-a) can be reduced by soldering the GND
pins to a suitable copper area of the printed circuit
board (Figure 11) or to an external heatsink (Fig-
ure 12).
The diagram of Figure 13 shows the maximum dis-
sipable power Ptot and the Rth (j-a) as a function of
the side "I" of two equal square copper areas hav-
ing a thicknessof 35
µ (1.4 mils).
During soldering the pins temperature must not
exceed 260°C and the soldering time must not be
longer than 12 seconds.
The external heatsink or printed circuit copper
area must be connected to electrical ground.
Figure 11. Example of P.C. Board Copper Area
Figure 12. External Heatsink Mounting
Example
Figure 13. Maximum Power Dissipation and
Junction-ambient Thermal Resistance versus
"I"
Figure 14. Maximum Allowable Power
Dissipation versus Ambient Temperature
COPPER AREA 35
µ THICKNESS
P.C. BOARD
S-3181
11.9 mm
S-3474
38.0 mm
17.0 mm
Ptot
(W)
4
3
2
1
0
Rth
(˚C/W)
80
60
40
20
0
G-3558
0
10
20
30
40
l (mm)
Rth j - amb
Ptot (Tamb = 70˚C)
Ptot
4
3
2
1
0
-50
0
50
100
Tamb(˚C)
G-3559/2
FREE
AIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com