Electronic Components Datasheet Search
  English  ▼

X  

A1175 Datasheet(PDF) 3 Page - STMicroelectronics

Part # A1175
Description  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A1175 Datasheet(HTML) 3 Page - STMicroelectronics

  A1175 Datasheet HTML 1Page - STMicroelectronics A1175 Datasheet HTML 2Page - STMicroelectronics A1175 Datasheet HTML 3Page - STMicroelectronics A1175 Datasheet HTML 4Page - STMicroelectronics A1175 Datasheet HTML 5Page - STMicroelectronics A1175 Datasheet HTML 6Page - STMicroelectronics A1175 Datasheet HTML 7Page - STMicroelectronics A1175 Datasheet HTML 8Page - STMicroelectronics A1175 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
TDA1175P
ELECTRICAL CHARACTERISTICS
(Tamb = 25°C, unless otherwise specified)
Table 3. DC CHARACTERISTICS
(Refer to the test circuits, VS = 35V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Fig.
I2
Pin 2 Quiescent Current
I3 = 0
714
mA
5
I7
Pin 7 Quiescent Current
I6 = 0
817
mA
5
–I11
Oscillator Bias Current
V11 = 1V
0.1
1
µA4
–I14
Amplifier Input Bias Current
V14 = 1V
110
µA5
–I16
Ramp Generator Bias Current
V16 = 0
0.02
0.3
µA4
–I16
Ramp Generator Current
I9 = 20µA, V16 = 0
18.5
20
21.5
µA5
Ramp Generator Non-linearity
∆V16 = 0 to 12V, I9 = 20µA
0.2
1
%
5
VS
Supply Voltage Range
10
35
V
V1
Pin 1 Saturation Voltage to
Ground
I1 = 1mA
114
V
V3
Pin 3 Saturation Voltage to
Ground
I3 = 10mA
1.5
2.5
V
4
V6
Qiuescent output Voltage
Vs = 10V, R1 = 1kΩ, R2 = 1kΩ
4.1
4.4
4.7
V
4
Vs = 35V, R1 = 3kΩ, R2 = 1kΩ
8.2
8.8
9.4
V
4
V6L
Output Saturation Voltage to
Ground
– I6 = 0.1A
0.9
1.2
V
6
– I6 = 0.8A
1.8
2.2
V
6
V6H
Output Saturation Voltage to
Supply
I6 = 0.1A
1.4
2.1
V
7
I6 = 0.8A
2.8
3.1
V
7
V8
Regulated Voltage at Pin 8
6.5
6.7
6.9
V
5
V9
Regulated Voltage at Pin 9
I9 = 20µA
6.6
6.8
7
V
5
Regulated Voltage Drift with
Supply Voltage
∆Vs = 10 to 35V
1
2
mV/V
5
V14
Amplifier Input Reference
Voltage
V10 ≤ 0.4V
2.20
2.27
2.35
V
I16
∆
I16
----------
V8
∆
VS
∆
-------------
V9
∆
VS
∆
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com