Electronic Components Datasheet Search
  English  ▼

X  

SC2544 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2544 Datasheet HTML 6Page - Semtech Corporation SC2544 Datasheet HTML 7Page - Semtech Corporation SC2544 Datasheet HTML 8Page - Semtech Corporation SC2544 Datasheet HTML 9Page - Semtech Corporation SC2544 Datasheet HTML 10Page - Semtech Corporation SC2544 Datasheet HTML 11Page - Semtech Corporation SC2544 Datasheet HTML 12Page - Semtech Corporation SC2544 Datasheet HTML 13Page - Semtech Corporation SC2544 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
The output capacitor provides output current filtering
in steady state and serves as a reservoir during load
transient. The output capacitor can be modeled as
an ideal capacitor in series with its parasitic ESR and
ESL as shown in Figure 4.
Figure 4. An equivalent circuit of output.
If the current through the branch is i
b(t), the voltage
across the terminals will then be
).
t
(
i
R
dt
)
t
(
di
L
dt
)
t
(
i
C
1
V
)
t
(
v
b
esr
t
0
b
esl
b
o
o
o
+
+
+
=
∫
This basic equation illustrates the effects of ESR,
ESL, and C
o on the output voltage.
Lesl
Co
Resr
General Design Pr
General Design Pr
General Design Pr
General Design Pr
General Design Procedure f
ocedure f
ocedure f
ocedure f
ocedure for a St
or a St
or a St
or a St
or a Step-do
ep-do
ep-do
ep-do
ep-down P
wn P
wn P
wn P
wn Pooooow
w
w
w
wer
er
er
er
er
Converter
Converter
Converter
Converter
Converter
Selection criterias and design procedures for the fol-
lowing parameters are described:
1) Output inductor (L) type and value
2) Output capacitor (C
o) type and value
3) Input capacitor (C
in) type and value
4) Power MOSFETs
5) Current sensing and limiting circuit
6) Voltage sensing circuit
7) Loop compensation network
The following step-down converter specifications are
needed:
Input voltage range: V
in,min and Vin,max
Input voltage ripple (peak-to-peak): DV
in
Output voltage: V
o
Output voltage accuracy: e
Output voltage ripple (peak-to-peak): DV
o
Nominal output (load) current: I
o
Maximum output current limit: I
o,max
Output (load) current transient slew rate: dI
o (A/ s)
Circuit efficiency: η
Inductor (L) and Ripple Current
Inductor (L) and Ripple Current
Inductor (L) and Ripple Current
Inductor (L) and Ripple Current
Inductor (L) and Ripple Current
Both step-down controllers in the SC2544 operate in
synchronous continuous-conduction mode (CCM)
regardless of the output load level. The output
inductor selection/design is based on the output DC
and transient requirements. Both output current and
voltage ripples are reduced with larger inductance
but it takes longer to change the inductor current
during load transients. Conversely smaller inductance
results in lower DC copper losses but the AC core
losses (flux swing) and the winding AC resistance losses
are higher. A compromise is to choose the inductance
such that peak-to-peak inductor ripple-current is 20%
to 30% of the rated output load current.
Assuming that the inductor current ripple (peak-to-
peak) value is
*I
o, the inductance value will then
be
The peak current in the inductor becomes
(1+
/2)*Io
and the RMS current is
The followings are to be considered when choosing
inductors.
a) Inductor core material: For higher efficiency
applications above 300 KHz, ferrite, Kool-Mu and
polypermalloy materials should be used. Low-cost
powdered iron cores can be used for cost sensitive-
applications below 300 KHz but with attendant higher
core losses.
b) Select inductance value: Sometimes the calculated
inductance value is not available off-the-shelf. The
designer can choose the adjacent (larger) standard
inductance value. The inductance varies with
temperature and DC current. It is a good engineering
practice to re-evaluate the resultant current ripple
at the rated DC output current.
c) Current rating: The saturation current of the
inductor should be at least 1.5 times of the peak
inductor current under all conditions.
Output Capacit
Output Capacit
Output Capacit
Output Capacit
Output Capacitor (C
or (C
or (C
or (C
or (C
ooooo) and V
) and V
) and V
) and V
) and V
out
out
out
out
out Ripple
Ripple
Ripple
Ripple
Ripple
.
12
1
I
I
2
o
rms
,
L
δ
+
=
.
f
I
)
D
1
(
V
L
s
o
o
δ
−
=
δ
δ
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com