Electronic Components Datasheet Search
  English  ▼

X  

SC2544 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC2544 Datasheet HTML 11Page - Semtech Corporation SC2544 Datasheet HTML 12Page - Semtech Corporation SC2544 Datasheet HTML 13Page - Semtech Corporation SC2544 Datasheet HTML 14Page - Semtech Corporation SC2544 Datasheet HTML 15Page - Semtech Corporation SC2544 Datasheet HTML 16Page - Semtech Corporation SC2544 Datasheet HTML 17Page - Semtech Corporation SC2544 Datasheet HTML 18Page - Semtech Corporation SC2544 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
The conduction losses are then
P
bc=IQ2,rms
2
R
ds(on).
where R
ds(on) is the channel resistance of bottom
MOSFET. If the input voltage to output voltage ratio
is high (e.g. V
in=12V, Vo=1.5V), the duty ratio D will
be small. Since the bottom switch conducts with duty
ratio (1-D), the corresponding conduction losses can
be quite high.
Due to non-overlapping conduction between the top and
the bottom MOSFET’s, the internal body diode or the
external Schottky diode across the drain and source
terminals always conducts prior to the turn on of the
bottom MOSFET. The bottom MOSFET switches on with
only a diode voltage between its drain and source
terminals. The switching loss is negligible due to near zero-
voltage switching.
The gate losses are estimated as
Bottom Switch
Bottom Switch
Bottom Switch
Bottom Switch
Bottom Switch
The RMS current in bottom switch is given by
.
)
1
)(
D
1
(
I
I
12
o
rms
,
2
Q
2
δ
+
−
=
The total bottom switch losses are then
P
b=Pbc+Pbg.
Main Control Loop Design
Main Control Loop Design
Main Control Loop Design
Main Control Loop Design
Main Control Loop Design
The goal of compensation is to shape the frequency
response charatericstics of the buck converter to
achieve a better DC accuracy and a faster transient
response for the output voltage, while maintaining
the loop stability.
The block diagram in Figure 10 represents the control
loop of a buck converter designed with the SC2544. The
control loop consists of a compensator, a PWM modula-
tor, and an LC filter.
The LC filter and PWM modulator represent the small
signal model of the buck converter operating at fixed
switching frequency. The transfer function of the
model is given by:
LC
s
R
sL
C
sR
V
V
V
V
ESR
m
IN
C
O
2
/
1
1
+
+
+
⋅
=
.
f
V
Q
R
R
P
s
cc
g
gt
g
bg =
Once the power losses for the top and bottom
MOSFET’s are known, thermal and package design
at component and system level should be done to
verify that the maximum die junction temperature
(T
j,max, usually 125
o
C) is not exceeded under the
worst-case condition.
The equivalent thermal
impedance from junction to ambient (
θ
ja) should
satisfy
θ
ja
depends on the die to substrate bonding,
packaging material, the thermal contact surface,
thermal compound property, the available effective
heat sink area, and the air flow condition (natual or
forced convection). Actual temperature measurement
of the prototype should be carried out to verify the
thermal design.
.
P
T
T
loss
max
,
a
max
,j
ja
−
≤
θ
Vo
REF
Zs
Resr
+
-
EA
REF
MODULATOR
Zf
PWM
L
Co
ERROUT
Fig. 10. Block diagram of the control loop.
where V
IN is the input voltage, Vm is the amplitude of
the internal ramp, and R is the equivalent load.
The model is a second order system with a finite DC
gain, a complex pole pair at Fo, and an ESR zero at
Fz, as shown in Figure 11. The locations of the poles
and zero are determined by:
O
O
LC
F
π
2
1
=
O
sr
Z
C
F
e
R
2
1
π
=
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com