Electronic Components Datasheet Search
  English  ▼

X  

SC2544 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2544
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2544 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2544 Datasheet HTML 10Page - Semtech Corporation SC2544 Datasheet HTML 11Page - Semtech Corporation SC2544 Datasheet HTML 12Page - Semtech Corporation SC2544 Datasheet HTML 13Page - Semtech Corporation SC2544 Datasheet HTML 14Page - Semtech Corporation SC2544 Datasheet HTML 15Page - Semtech Corporation SC2544 Datasheet HTML 16Page - Semtech Corporation SC2544 Datasheet HTML 17Page - Semtech Corporation SC2544 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
 2005 Semtech Corp.
www.semtech.com
SC2544
POWER MANAGEMENT
TTTTTop Switc
op Switc
op Switc
op Switc
op Switch
hh
hh
The RMS value of the top switch current is calculated
as
The conduction losses are then
P
tc = IQ1,rms
2
R
ds(on).
R
ds(on)
varies with temperature and gate-source
voltage. Curves showing R
ds(on) variations can be found
in manufacturers’ data sheet. From the Si4860
datasheet, R
ds(on) is less than 8m
Ω when Vgs is greater
than 10V. However R
ds(on) increases by 50% as the
junction temperature increases from 25oC to 110oC.
The switching losses can be estimated using the simple
formula
where t
r is the rise time and tf is the fall time of the
switching process. Different manufactures have
different definitions and test conditions for t
r
and
t
f
. To clarify these, we sketch the typical MOSFET
switching characteristics under clamped inductive
mode in Figure 9.
Figure 9. MOSFET switching characteristics
.
)
1
(
D
I
I
12
o
rms
,
1
Q
2
δ
+
=
.
f
V
I)
1
)(
t
t
(
P
s
in
o
2
f
r
2
1
ts
δ
+
+
=
In Figure 9, Q
gs1 is the gate charge needed to bring
the gate-to-source voltage V
gs to the threshold voltage
V
gs_th .
Q
gs2 is the additional gate charge required for the
switch current to reach its full-scale value I
ds,
.
and Q
gd
is the charge needed to charge gate-to-drain (Miller)
capacitance when V
ds is falling.
Switching losses occur during the time interval [t
1,
t
3]. Defining tr = t3-t1 and tr can be approximated as
.
V
V
R
)
Q
Q
(
t
gsp
cc
gt
gd
2
gs
r
−
+
=
where R
gt is the total resistance from the driver supply
rail to the gate of the MOSFET. It includes the gate
driver internal impedance R
gi, external resistance Rge
and the gate resistance R
g within the MOSFET :
R
gt = Rgi+Rge+Rg.
V
gsp is the Miller plateau voltage shown in Figure 9.
Similarly an approximate expression for t
f is
.
V
R
)
Q
Q
(
t
gsp
gt
gd
2
gs
f
+
=
Only a portion of the total losses P
g = QgVccfs is
dissipated in the MOSFET package. Here Q
g is the
total gate charge specified in the datasheet. The
power dissipated within the MOSFET package is
.
f
V
Q
R
R
P
s
cc
g
gt
g
tg =
Vg s
M iller p lateau
Id s
Vd s
Vg s th
Qg s1 Qg s2
Qg d
t0
t1
t2
t3
G ate ch arg e
V o lts
Vg s
M iller p lateau
Id s
Vd s
Vg s th
Qg s1 Qg s2
Qg d
t0
t1
t2
t3
G ate ch arg e
V o lts
The total power loss of the top switch is then
P
t = Ptc+Pts+Ptg.
If the input supply of the power converter varies
over a wide range, then it will be necessary to
weigh the relative importance of conduction and
switching losses. This is because conduction losses
are inversely proportional to the input voltage.
Switching loss however increases with the input
voltage. The total power loss of MOSFET should be
calculated and compared for high-line and low-line
cases. The worst case is then used for thermal
design.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com