Electronic Components Datasheet Search
  English  ▼

X  

SC2603 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2603
Description  Simple PWM Boost Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2603 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2603 Datasheet HTML 1Page - Semtech Corporation SC2603 Datasheet HTML 2Page - Semtech Corporation SC2603 Datasheet HTML 3Page - Semtech Corporation SC2603 Datasheet HTML 4Page - Semtech Corporation SC2603 Datasheet HTML 5Page - Semtech Corporation SC2603 Datasheet HTML 6Page - Semtech Corporation SC2603 Datasheet HTML 7Page - Semtech Corporation SC2603 Datasheet HTML 8Page - Semtech Corporation SC2603 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
© 2005 Semtech Corp.
www.semtech.com
SC2603
POWER MANAGEMENT
Application Information
Over Current Protection
The over-current protection is implemented by a sensing
resistor and an internal current-limit comparator with a
threshold of 70mV. If the switching current through the
sensing resistor causing voltage to drop at the CS pin
reachs 70mV, the SC2603 will immediately turn the gate
pulse off to limit the current through the power switch.
The figure below shows over-current waveforms. At t1,
the input current I
IN begins to increase as the load IOUT
builds up until it hits the OCP threshold at t2. At t2, V
OUT
begins to drop as I
OUT starts increasing toward t3 while VIN
and I
IN remain the same. At t3, there two events are
happening. 1) V
OUT is at half of its regulating voltage. At
this point, the internal oscillator runs into frequency shift
mode and shifts the frequency to one fourth of the oper-
ating frequency. 2) The diode starts conducting current
without limit causing V
IN to fall due to supply current limit.
Finally, V
IN and VOUT both drops to zero and IIN becomes the
input supply current limit.
A RC filter at the CS pin is necessary to filter out noise to
ensure accurate sensing.
The value of the sensing resistor can be caculated by
the following equation:
PEAK
S
I
mV
R
/
70
=
Where I
PEAK is the input peak current through the power
MOSFET.
V
IN
V
OUT
IOUT
IIN
t0
t1
t2
t3
t4
Over Current Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com