Electronic Components Datasheet Search
  English  ▼

X  

SC2603 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2603
Description  Simple PWM Boost Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2603 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC2603 Datasheet HTML 2Page - Semtech Corporation SC2603 Datasheet HTML 3Page - Semtech Corporation SC2603 Datasheet HTML 4Page - Semtech Corporation SC2603 Datasheet HTML 5Page - Semtech Corporation SC2603 Datasheet HTML 6Page - Semtech Corporation SC2603 Datasheet HTML 7Page - Semtech Corporation SC2603 Datasheet HTML 8Page - Semtech Corporation SC2603 Datasheet HTML 9Page - Semtech Corporation SC2603 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
© 2005 Semtech Corp.
www.semtech.com
SC2603
POWER MANAGEMENT
Applications Information
Layout Guidelines
Careful attention to layout requirements are necessary
for successful implementation of the SC2603 PWM con-
troller. High currents switching at 200kHz are present in
the application and their effect on ground plane voltage
differentials must be understood and minimized.
1) The high power parts of the circuit should be laid out
first. A ground plane should be used, the number and
position of ground plane interruptions should be such as
to not unnecessarily compromise ground plane integrity.
Isolated or semi-isolated areas of the ground plane may
be deliberately introduced to constrain ground currents
to particular areas, for example the input capacitor and
bottom Schottky ground.
2) The loop formed by the output Capacitor(s) (Cout), the
FET (Q1), the current sensing resistor, and the Schottky
(D1) must be kept as small as possible. This loop con-
tains all the high current, fast transition switching. Con-
nections should be as wide and as short as possible to
minimize loop inductance. Minimizing this loop area will
reduce EMI, lower ground injection currents, resulting in
electrically “cleaner” grounds for the rest of the system
and minimize source ringing, resulting in more reliable
gate switching signals.
3) The connection between the junction of Q1, D1 and
the output capacitor should be a wide trace or copper
region. It should be as short as practical. Since this con-
nection has fast voltage transitions, keeping this con-
nection short will minimize EMI.
4) The Output Capacitor(s) (Cout) should be located as
close to the load as possible, fast transient load cur-
rents are supplied by Cout only, and connections be-
tween Cout and the load must be short, wide copper
areas to minimize inductance and resistance.
5) The SC2603 is best placed over an isolated ground
plane area. The soft-start capacitor, the V
IN decoupling
capacitor, and the current sensing filter capacitor should
also connected to this ground pad area. This isolated
ground area should be connected to the main ground by
a trace that runs from the GND pin to the ground side of
the output capacitor. If this is not possible, the GND pin
may be connected to the ground path between the Out-
put Capacitor and the Cin, Q1, D1 loop. Under no cir-
cumstances should GND be returned to a ground inside
the Cin, Q1, D1 loop.
6) Input voltage of the SC2603 should be supplied from
the power rail through a 2.2~10
Ω resistor, the V
IN pin
should be decoupled directly to GND by a 0.1µF~1µf
ceramic capacitor, trace lengths should be as short as
possible.
7) An RC low pass filter is required to filter out leading
edge current spikes on the current sensing resistor. The
filter capacitor needs to be very close to the CS and
GND to reduce noise pickup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com